Electronic Components Datasheet Search
  English  ▼

X  

SLD433S4 Datasheet(PDF) 5 Page - Sony Corporation

Part # SLD433S4
Description  60W Array Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD433S4 Datasheet(HTML) 5 Page - Sony Corporation

  SLD433S4 Datasheet HTML 1Page - Sony Corporation SLD433S4 Datasheet HTML 2Page - Sony Corporation SLD433S4 Datasheet HTML 3Page - Sony Corporation SLD433S4 Datasheet HTML 4Page - Sony Corporation SLD433S4 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SLD433S4
- 5 -
Sony Corporation
Package Outline
(Unit: mm)
40
4
4.4
8.8
17.8
φ 3.2
coolant outlet
coolant inlet
φ 3.2
2 - M3
× 4
for mounting screw
LD(
+)
M3
M3
LD(
−)
22.5
12.5
10
emisson width
SONY CODE
EIAJ CODE
JEDEC CODE
M-S027
PACKAGE MASS
34.3g
M-S027



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com