Electronic Components Datasheet Search
  English  ▼

X  

SLD433S4 Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD433S4
Description  60W Array Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD433S4 Datasheet(HTML) 4 Page - Sony Corporation

  SLD433S4 Datasheet HTML 1Page - Sony Corporation SLD433S4 Datasheet HTML 2Page - Sony Corporation SLD433S4 Datasheet HTML 3Page - Sony Corporation SLD433S4 Datasheet HTML 4Page - Sony Corporation SLD433S4 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SLD433S4
- 4 -
Notes On Handling
Care should be taken for the following points when using this product.
1. This product corresponds to a Class 4 product under IEC60825-1 and JIS standard C6802 “Laser Product
Emission Safety Standards”.
2. Eye protection against laser beams
Take care not to allow laser beams to enter your eyes under any circumstances.
For observing laser beams, ALWAYS use safety goggles that block laser beams. Usage of IR scopes, IR
cameras and fluorescent plates is also recommended for monitoring laser beams safely.
3. Gallium Arsenide
This product uses gallium arsenide (GaAs). This is not a problem for normal use, but GaAs vapors may be
potentially hazardous to the human body. Therefore, never crush, heat to the maximum storage
temperature or higher, or place the product in your mouth.
In addition, the following disposal methods are recommended when disposing of this product.
(1)
Engaging the services of a contractor certified in the collection, transport and intermediate treatment
of items containing arsenic.
(2)
Managing the product through to final disposal as specially managed industrial waste which is
handled separately from general industrial waste and household waste.
4. Prevention of surge current and electrostatic discharge
Laser diodes are most sensitive to electrostatic discharge among semiconductors. When a large current is
passed through the laser diode for even an extremely short time, the strong light emitted from the laser
diode promotes deterioration and then destruction of the laser diode. Therefore, note that surge current
should not flow to the laser diode driving circuit from switches and others. Also, if the laser diode is handled
carelessly, it may be destroyed instantly because electrostatic discharge is easily applied by a human
body. Therefore, be extremely careful about overcurrent and electrostatic discharge.
5. Use for special applications
This product is not designed or manufactured for use in equipment used under circumstances where failure
may pose a risk to life and limb, or result in significant material damage, etc.
Consult your Sony sales representative when investigating use for medical, vehicle, nuclear power control
or other special applications. Also, use the power supply that was designed not to exceed the optical power
output specified at the absolute maximum ratings.
6. Environment-related Substances to be Controlled
No substances classified at Level 1 (immediate ban) of Sony Technical Standard, SS-00259,
“Management regulations for the Environment-related Substances to be Controlled”. The excerpt from SS-
00259 is introduced on following URL.
http://www.sony.net/SonyInfo/procurementinfo/ss00259/
LASER RADIATION
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
LASER DIODE
LASER DIODE
AVOID EXPOSURE
Laser radiation is
emitted from this
aperture.
This product complies with 21
CFR Part 1040.10 and 1040.11
Sony Corporation
1-7-1 Konan,
Minato-ku, Tokyo
108-0075 Japan
MAXIMUM OUTPUT
OVER 1
W
WAVELENGTH
600 - 950 nm
CLASS IV LASER PRODUCT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com