Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 43 Page - Intersil Corporation

Part # ZL2008
Description  Digital DC-DC Controller with Drivers and Pin-Strap Current Sharing
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2008 Datasheet(HTML) 43 Page - Intersil Corporation

Back Button ZL2008 Datasheet HTML 39Page - Intersil Corporation ZL2008 Datasheet HTML 40Page - Intersil Corporation ZL2008 Datasheet HTML 41Page - Intersil Corporation ZL2008 Datasheet HTML 42Page - Intersil Corporation ZL2008 Datasheet HTML 43Page - Intersil Corporation ZL2008 Datasheet HTML 44Page - Intersil Corporation ZL2008 Datasheet HTML 45Page - Intersil Corporation ZL2008 Datasheet HTML 46Page - Intersil Corporation ZL2008 Datasheet HTML 47Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
ZL2008
43
Data Sheet Revision 2/19/2009
www.intersil.com
7.5 Phase Enable (PH_EN Pin)
Phase enable is used to dynamically add or drop a
current sharing phase during operation. Set the PH_EN
pin high to enable a phase and low to disable a phase
(open is an invalid state). The PH_EN pin replaces the
PHASE_CONTROL command.
For proper operation, the pin must be externally driven
high or low without switching glitches. Also, ensure
phase enable is high for the reference and member
devices of a current sharing group prior to ramp-up.
7.6 MFR_CONFIG Command
Application
specific
values
are
set
by
the
MFR_CONFIG command. The following parameters
must be set to properly configure current sharing.
a. Current Sense Blanking Delay (bits 15:11) –
The current sense delay parameter controls the
blanking time when no current measurement is
taken. This allows the filtering of noise from
the current measurement circuit when the FETs
are switching. The actual value selected
depends on fSW, sensing method and ring-out
duration. The same delay is used for both
reference and member devices.
b. Current Sense Control (bits 5:4) – Three
modes of current sensing are available
depending on duty cycle and switching
frequency as listed in Table 38. (Also refer to
Section
5.9,
“Current
Limit
Threshold
Selection,”). The same sensing is used for both
reference and member devices.
Note, the following parameters are automatically set
when current sharing is enabled.
c. Alternate
Ramp
Control
(bit
2)
–
Automatically set to “1” (enabled) for both
reference and member devices when current
sharing is enabled.
d. SYNC Pin Output Control (bit 0) –
Automatically set to push-pull for a SYNC
clock output and open-drain for a SYNC clock
input.
Table 38. Current Sense Options
Current Sense Configuration
Usage
Ground referenced, down slope
(RDSON sensing)
Low duty cycle
and low fSW
Vout referenced, down slope
(Inductor DCR sensing)
Low duty cycle
and high fSW
Vout referenced, up slope
(Inductor DCR sensing)
High duty cycle
7.7 VOUT_DROOP Command
The droop or load-line resistance is used as part of the
current sharing algorithm. When current sharing is
enabled, VOUT_DROOP is automatically set to a
value of 0xBA80 (1.25 mΩ). The same droop value is
used for both reference and member devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com