Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ZL2008
Description  Digital DC-DC Controller with Drivers and Pin-Strap Current Sharing
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2008 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ZL2008 Datasheet HTML 17Page - Intersil Corporation ZL2008 Datasheet HTML 18Page - Intersil Corporation ZL2008 Datasheet HTML 19Page - Intersil Corporation ZL2008 Datasheet HTML 20Page - Intersil Corporation ZL2008 Datasheet HTML 21Page - Intersil Corporation ZL2008 Datasheet HTML 22Page - Intersil Corporation ZL2008 Datasheet HTML 23Page - Intersil Corporation ZL2008 Datasheet HTML 24Page - Intersil Corporation ZL2008 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ZL2008
21
Data Sheet Revision 2/19/2009
www.intersil.com
Table 15. Switching Frequency Resistor Settings
RSYNC
fSW
RSYNC
fSW
10 kΩ
200 kHz
26.1 kΩ
533 kHz
11 kΩ
222 kHz
28.7 kΩ
571 kHz
12.1 kΩ
242 kHz
31.6 kΩ
615 kHz
13.3 kΩ
267 kHz
34.8 kΩ
727 kHz
14.7 kΩ
296 kHz
38.3 kΩ
800 kHz
16.2 kΩ
320 kHz
46.4 kΩ
889 kHz
17.8 kΩ
364 kHz
51.1 kΩ
1000 kHz
19.6 kΩ
400 kHz
56.2 kΩ
1143 kHz
21.5 kΩ
421 kHz
68.1 kΩ
1333 kHz
23.7 kΩ
471 kHz
The switching frequency can also be set to any value
between 200 kHz and 1.33 MHz using the I2C/SMBus
interface. The available frequencies below 1.4 MHz are
defined by fSW = 8 MHz/N, where the whole number N
is 6 ≤ N ≤ 40. See Application Note AN33 for details.
If a value other than fSW = 8 MHz/N is entered using a
PMBus command, the internal circuitry will select the
valid switching frequency value that is closest to the
entered value. For example, if 810 kHz is entered, the
device will select 800 kHz (N=10).
When multiple Zilker Labs devices are used together,
connecting the SYNC pins together will force all
devices to synchronize with each other. The CFG1 pin
of one device must set its SYNC pin as an output and
the remaining devices must have their SYNC pins set
as Auto Detect.
Note: The switching frequency read back using the
appropriate PMBus command will differ slightly from
the selected values in Table 15. The difference is due
to hardware quantization.
5.8 Power Train Component Selection
The ZL2008 is a synchronous buck converter that uses
external MOSFETs, inductor and capacitors to perform
the power conversion process. The proper selection of
the external components is critical for optimized
performance.
To select the appropriate external components for the
desired
performance
goals,
the
power
supply
requirements listed in Table 16 must be known.
Figure 15. SYNC Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com