Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ZL2008
Description  Digital DC-DC Controller with Drivers and Pin-Strap Current Sharing
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2008 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ZL2008 Datasheet HTML 13Page - Intersil Corporation ZL2008 Datasheet HTML 14Page - Intersil Corporation ZL2008 Datasheet HTML 15Page - Intersil Corporation ZL2008 Datasheet HTML 16Page - Intersil Corporation ZL2008 Datasheet HTML 17Page - Intersil Corporation ZL2008 Datasheet HTML 18Page - Intersil Corporation ZL2008 Datasheet HTML 19Page - Intersil Corporation ZL2008 Datasheet HTML 20Page - Intersil Corporation ZL2008 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
ZL2008
17
Data Sheet Revision 2/19/2009
www.intersil.com
Figure 12. RSET on a POLA Module
The POLA mode is activated through pin-strap by
connecting a 110 kΩ resistor on V0 to SGND. The V1
pin is then used to adjust the output voltage as shown
in Table 8.
The POLA mode can also be activated through PMBus
commands. See Application Note AN33 for more
details.
Table 8. POLA Mode VOUT Settings
(R0 = 110 kΩ, R1 = RSET + 10 kΩ)
VOUT
RSET
In series with
10kΩ resistor
VOUT
RSET
In series with
10kΩ resistor
0.700 V
162 k
Ω
0.991 V
21.5 k
Ω
0.752 V
110 k
Ω
1.000 V
19.6 k
Ω
0.758 V
100 k
Ω
1.100 V
16.2 k
Ω
0.765 V
90.9 k
Ω
1.158 V
13.3 k
Ω
0.772 V
82.5 k
Ω
1.200 V
12.1 k
Ω
0.790 V
75.0 k
Ω
1.250 V
9.09 k
Ω
0.800 V
56.2 k
Ω
1.500 V
7.50 k
Ω
0.821 V
51.1 k
Ω
1.669 V
5.62 k
Ω
0.834 V
46.4 k
Ω
1.800 V
4.64 k
Ω
0.848 V
42.2 k
Ω
2.295 V
2.87 k
Ω
0.880 V
34.8 k
Ω
2.506 V
2.37 k
Ω
0.899 V
31.6 k
Ω
3.300 V
1.21 k
Ω
0.919 V
28.7 k
Ω
5.000 V
0.162 k
Ω
0.965 V
23.7 k
Ω
5.3.4. DOSA Voltage Trim Mode
On a DOSA module, the VOUT setting follows this
equation:
V
V
R
OUT
SET
69
.
0
6900
−
=
To maintain DOSA compatibility, the same scheme is
used as with a POLA module except the 10 kΩ resistor is
replaced with a 8.66 kΩ resistor as shown in Figure 13.
ZL
8.66 kΩ
DOSA
MODULE
Rset
V1
V0
110 kΩ
Figure 13. RSET on a DOSA Module
The DOSA mode VOUT settings are listed in Table 9.
Table 9. DOSA Mode VOUT Settings
(R0 = 110 kΩ, R1 = RSET + 8.66 kΩ)
VOUT
RSET
In series with
8.66kΩ
resistor
VOUT
RSET
In series with
8.66kΩ
resistor
0.700 V
162 k
Ω
0.991 V
22.6 k
Ω
0.752 V
113 k
Ω
1.000 V
21.0 k
Ω
0.758 V
100 k
Ω
1.100 V
17.8 k
Ω
0.765 V
90.9 k
Ω
1.158 V
14.7 k
Ω
0.772 V
82.5 k
Ω
1.200 V
13.3 k
Ω
0.790 V
75.0 k
Ω
1.250 V
10.5 k
Ω
0.800 V
57.6 k
Ω
1.500 V
8.87 k
Ω
0.821 V
52.3 k
Ω
1.669 V
6.98 k
Ω
0.834 V
47.5 k
Ω
1.800 V
6.04 k
Ω
0.848 V
43.2 k
Ω
2.295 V
4.32 k
Ω
0.880 V
36.5 k
Ω
2.506 V
3.74 k
Ω
0.899 V
33.2 k
Ω
3.300 V
2.61 k
Ω
0.919 V
30.1 k
Ω
5.000 V
1.50 k
Ω
0.965 V
25.5 k
Ω
5.4 Start-up Procedure
The ZL2008 follows a specific internal start-up
procedure after power is applied to the VDD pin. Table
10 describes the start-up sequence.
If the device is to be synchronized to an external clock
source, the clock frequency must be stable prior to
asserting
the
EN
pin.
The
device
requires
approximately 5-10 ms to check for specific values
stored in its internal memory. If the user has stored
values in memory, those values will be loaded. The
device will then check the status of all multi-mode pins
and load the values associated with the pin settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com