Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3070 Datasheet HTML 15Page - Linear Technology LT3070 Datasheet HTML 16Page - Linear Technology LT3070 Datasheet HTML 17Page - Linear Technology LT3070 Datasheet HTML 18Page - Linear Technology LT3070 Datasheet HTML 19Page - Linear Technology LT3070 Datasheet HTML 20Page - Linear Technology LT3070 Datasheet HTML 21Page - Linear Technology LT3070 Datasheet HTML 22Page - Linear Technology LT3070 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3070
19
3070p
APPLICATIONS INFORMATION
Quieting the Noise
The LT3070 offers numerous noise performance advan-
tages. Each LDO has several sources of noise. An LDO’s
most critical noise source is the reference, followed by
the LDO error amplifier. Traditional low noise regulators
buffer the voltage reference out to an external pin (usually
through a large value resistor) to allow for bypassing and
noise reduction of reference noise. The LT3070 deviates
from the traditional voltage reference by generating a
low voltage VREF from a reference current into an inter-
nal resistor
≅19k. This intermediate impedance node
(REF/BYP) facilitates external filtering directly. A 10nF filter
capacitor minimizes reference noise to 10μVRMS at the
600mV REF/BYP pin, equivalently a 17μV contribution to
output noise at VOUT = 1V. See the Typical Performance
Characteristics for Noise vs Output Voltage performance
as a function of CBYP/REF.
This approach also accommodates reference sharing
between LT3070 regulators that are hooked up in cur-
rent sharing applications. The REF/BYP filter capacitor
delays the initial power-up time by a factor of the RC time
constant. VREF remains active in nap mode, thus start-up
time is significantly reduced and well controlled coming
out of nap mode (EN:LO
↑HI).
BIAS
50k
LT3070
IN
EN
VO0
VO1
330μF
2.2μF
2.2μF*
0.01μF
1nF
4.7μF*
3070 F06
10μF*
*X5R OR X7R
PWRGD
VOUT
1.2V
5A
VO2
MARGSEL
MARGTOL
NC
NC
VIOC
SENSE
OUT
VBIAS
3.3V
VIN
1.5V
PWRGD
REF/BYP
GND
Figure 6. 1.5V to 1.2V Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com