Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 3 Page - Linear Technology

  LT3070 Datasheet HTML 1Page - Linear Technology LT3070 Datasheet HTML 2Page - Linear Technology LT3070 Datasheet HTML 3Page - Linear Technology LT3070 Datasheet HTML 4Page - Linear Technology LT3070 Datasheet HTML 5Page - Linear Technology LT3070 Datasheet HTML 6Page - Linear Technology LT3070 Datasheet HTML 7Page - Linear Technology LT3070 Datasheet HTML 8Page - Linear Technology LT3070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3070
3
3070p
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COUT = 15μF (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum IN Pin Voltage
VIN ≥ VOUT + 150mV, IOUT= 5A
l
0.95
3.0
V
Minimum BIAS Pin Voltage (Note 3)
l
2.2
3.6
V
Regulated Output Voltage
VOUT = 0.8V, 10mA ≤ IOUT ≤ 5A, 1V ≤ VIN ≤ 1.25V
VOUT = 0.9V, 10mA ≤ IOUT ≤ 5A, 1.1V ≤ VIN ≤ 1.35V
VOUT = 1V, 10mA ≤ IOUT ≤ 5A, 1.2V ≤ VIN ≤ 1.45V
VOUT = 1.1V, 10mA ≤ IOUT ≤ 5A, 1.3V ≤ VIN ≤ 1.55V
VOUT = 1.2V, 10mA ≤ IOUT ≤ 5A, 1.4V ≤ VIN ≤ 1.65V
VOUT = 1.5V, 10mA ≤ IOUT ≤ 5A, 1.7V ≤ VIN ≤ 1.95V
VOUT = 1.8V, 10mA ≤ IOUT ≤ 5A, 2.0V ≤ VIN ≤ 2.25V
l
l
l
l
l
l
l
0.792
0.891
0.990
1.089
1.189
1.485
1.782
0.800
0.900
1.000
1.100
1.200
1.500
1.800
0.808
0.909
1.010
1.111
1.212
1.515
1.818
V
V
V
V
V
V
V
Regulated Output Voltage Margining
(Note 3)
MARGTOL = 0V, MARGSEL = VBIAS
MARGTOL = 0V, MARGSEL = 0V, IOUT = 10mA
l
l
0.7
–1.3
1
–1
1.3
–0.7
%
%
MARGTOL = FLOAT, MARGSEL = VBIAS
MARGTOL = FLOAT, MARGSEL = 0V, IOUT = 10mA
l
l
2.7
–3.3
3
–3
3.3
–2.7
%
%
MARGTOL = VBIAS, MARGSEL= VBIAS
MARGTOL = VBIAS, MARGSEL = 0V, IOUT = 10mA
l
l
4.7
–5.3
5
–5
5.3
–4.7
%
%
Line Regulation to VIN
VOUT = 0.8V, ΔVIN = 1.1V to 3.0V, VBIAS = 3.3V, IOUT = 10mA
VOUT = 1.8V, ΔVIN = 2.1V to 3.0V, VBIAS = 3.3V, IOUT = 10mA
l
l
1.0
1.0
mV
mV
Line Regulation to VBIAS
VOUT = 0.8V, ΔVBIAS = 2.2V to 3.6V, VIN = 1.1V, IOUT = 10mA
VOUT = 1.8V, ΔVBIAS = 3.1V to 3.6V, VIN = 2.1V, IOUT = 10mA
l
l
2.0
1.0
mV
mV
Load Regulation,
ΔIOUT = 10mA to 5A
VBIAS = 3.3V, VIN = 1.1V, VOUT = 0.8V
l
–1.5
–3.0
–5.0
mV
mV
VBIAS = 3.3V, VIN = 1.3V, VOUT = 1.0V
l
–1.5
–3.0
–5.0
mV
mV
VBIAS = 3.3V, VIN = 1.5V, VOUT = 1.2V
l
–1.8
–3.6
–6.0
mV
mV
VBIAS = 3.3V, VIN = 1.8V, VOUT = 1.5V
l
–2.3
–4.5
–7.5
mV
mV
VBIAS = 3.3V, VIN = 2.1V, VOUT = 1.8V
l
–2.7
–5.4
–9.0
mV
mV
Dropout Voltage, VIN = VOUT(NOMINAL)
(Note 6)
IOUT = 1A
l
20
mV
IOUT = 2.5A
l
45
55
63
mV
mV
IOUT = 5A
l
85
105
150
mV
mV
SENSE Pin Current
VBIAS = 3.3V, VIN = 1.1V, VOUT = 0.8
VBIAS = 3.3V, VIN = 2.1V, VOUT = 1.8V
l
l
35
210
50
300
65
390
μA
μA
Ground Pin Current, VIN = 1.3V,
VOUT = 1V
IOUT = 10mA
IOUT = 5A
l
l
0.45
0.62
0.72
0.88
1.15
1.45
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com