Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3070 Datasheet HTML 16Page - Linear Technology LT3070 Datasheet HTML 17Page - Linear Technology LT3070 Datasheet HTML 18Page - Linear Technology LT3070 Datasheet HTML 19Page - Linear Technology LT3070 Datasheet HTML 20Page - Linear Technology LT3070 Datasheet HTML 21Page - Linear Technology LT3070 Datasheet HTML 22Page - Linear Technology LT3070 Datasheet HTML 23Page - Linear Technology LT3070 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3070
22
3070p
TYPICAL APPLICATIONS
BIAS
50k
LT3070 (1)
IN
EN
VO2
VO1
47μF
2.2μF
2.2μF*
0.01μF
1nF
4.7μF*
10μF*
PWRGD
VOUT
1V
P.O.L. 1
1V
10A
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
BIAS
LT3070 (2)
IN
EN
VO2
VO1
47μF
TBD
10μF
VBIAS
3.3V
10μF
RFB1
8.5k
VBUCK1 = 1.3V/8A
VBUCK2 = 2.1V/8A
100μF
6.3V
3
100μF
6.3V
3
2.2μF
0.01μF
VOUT
1V
P.O.L. 2
VOUT
1.8V
5A
VOUT
1.5V
2.5A
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
VOUT1
MGN1
FB1
ITH1
ITHM1
BSEL1
PGOOD1
VIN1
SVIN1
RUN1
PLLLPF1
MODE1
PHMODE1
TRACK1
VIN2
SVIN2
RUN2
PLLLPF2
MODE2
PHMODE2
TRACK2
VOUT2
MGN2
FB2
ITH2
ITHM2
BSEL2
PGOOD2
GND2
SGND2
GND1
SGND1
SW2
CLKOUT2
CLKIN2
CLKOUT1
LTM4616
CLKIN1
SW1
OUT
PWRGD
REF/BYP
GND
BIAS
LT3070 (3)
IN
EN
VO2
VO1
47μF
2.2μF
0.01μF
TBD
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
TBD
TBD
BIAS
LT3070 (4)
IN
EN
VO2
VO1
47μF
2.2μF
0.01μF
3070 F09
1nF
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
RTRACE
2mΩ
CONTROLLED
RTRACE
2mΩ
CONTROLLED
RFB2
3.96k
NOTE:
THE TWO LTM4616 MODULE CHANNELS ARE
INDEPENDENTLY CONTROLLED BY THE VIOC
CONTROLS FROM THE LINEAR REGULATORS
TBD
50k
TBD
50k
POWER PLANE
*X5R OR X7R
2.2μF*
4.7μF*
10μF*
*X5R OR X7R
2.2μF*
4.7μF*
10μF*
*X5R OR X7R
2.2μF*
4.7μF*
10μF*
*X5R OR X7R
Figure 9. Triple Output Supply Providing 1V, 10A and 1.8V, 5A and 1.5V, 2.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com