Electronic Components Datasheet Search
  English  ▼

X  

LT3082ESTPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3082ESTPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3082ESTPBF Datasheet HTML 3Page - Linear Technology LT3082ESTPBF Datasheet HTML 4Page - Linear Technology LT3082ESTPBF Datasheet HTML 5Page - Linear Technology LT3082ESTPBF Datasheet HTML 6Page - Linear Technology LT3082ESTPBF Datasheet HTML 7Page - Linear Technology LT3082ESTPBF Datasheet HTML 8Page - Linear Technology LT3082ESTPBF Datasheet HTML 9Page - Linear Technology LT3082ESTPBF Datasheet HTML 10Page - Linear Technology LT3082ESTPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3082
7
3082f
PIN FUNCTIONS (DD/ST/TS8)
BLOCK DIAGRAM
IN
SET
10μA
3082 BD
OUT
IN (Pins 7, 8/Pin 3/Pins 7, 8): Input. This pin supplies
power to regulate internal circuitry and supply output load
current. For the device to operate properly and regulate,
the voltage on this pin must be 1.2V to 1.4V above the
OUT pin (depending on output load current—see the
dropout voltage specifications in the Electrical Charac-
teristics table).
NC (Pins 3, 5, 6/NA/Pins 1, 6): No Connection. These
pins have no connection to internal circuitry and may be
tied to IN, OUT, GND or floated.
OUT (Pins 1, 2/Pin 2/Pins 2, 3, 4): Output. This is the
power output of the device. The LT3082 requires a 0.5mA
minimum load current or the output will not regulate.
SET (Pin 4/Pin 1/Pin 5): Set. This pin is the error ampli-
fier’s noninverting input and also sets the operating bias
point of the circuit. A fixed 10μA current source flows
out of this pin. A single external resistor programs VOUT.
Output voltage range is 0V to 38.5V.
Exposed Pad/Tab (Pin 9/Tab/NA): Output. The Exposed
Pad of the DFN package and the Tab of the SOT-223
package are tied internally to OUT. Tie them directly to OUT
pins (Pins 1, 2/Pin 2) at the PCB. The amount of copper area
and planes connected to the Exposed Pad/Tab determine
the effective thermal resistance of the packages (see the
Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com