Electronic Components Datasheet Search
  English  ▼

X  

LT3082ESTPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT3082ESTPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3082ESTPBF Datasheet HTML 10Page - Linear Technology LT3082ESTPBF Datasheet HTML 11Page - Linear Technology LT3082ESTPBF Datasheet HTML 12Page - Linear Technology LT3082ESTPBF Datasheet HTML 13Page - Linear Technology LT3082ESTPBF Datasheet HTML 14Page - Linear Technology LT3082ESTPBF Datasheet HTML 15Page - Linear Technology LT3082ESTPBF Datasheet HTML 16Page - Linear Technology LT3082ESTPBF Datasheet HTML 17Page - Linear Technology LT3082ESTPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3082
14
3082f
TYPICAL APPLICATIONS
DAC-Controlled Regulator
Two-Level Regulator
Protection Features
The LT3082 incorporates several protection features ideal
for battery-powered circuits, among other applications. In
addition to normal monolithic regulator protection features
such as current limiting and thermal limiting, the LT3082
protects itself against reverse-input voltages, reverse-
output voltages, and reverse OUT-to-SET pin voltages.
Current limit protection and thermal overload protection
protect the IC against output current overload conditions.
For normal operation, do not exceed a junction temperature
of 125°C. The thermal shutdown circuit’s temperature
threshold is typically 165°C and incorporates about 5°C
of hysteresis.
The LT3082’s IN pin withstands ±40V voltages with respect
to the OUT and SET pins. Reverse current flow, if OUT is
greater than IN, is less than 1mA (typically under 100μA),
protecting the LT3082 and sensitive loads.
Clamping diodes and 1k limiting resistors protect the
LT3082’s SET pin relative to the OUT pin voltage. These
protection components typically only carry current under
transient overload conditions. These devices are sized to
handle ±10V differential voltages and ±15mA crosspin
current flow without concern. Relative to these application
concerns, note the following two scenarios. The first sce-
nario employs a noise-reducing SET pin bypass capacitor
while OUT is instantaneously shorted to GND. The second
scenario follows improper shutdown techniques in which
the SET pin is reset to GND quickly while OUT is held up
by a large output capacitance with light load. The Typical
Applications section shows simple, robust techniques for
shutting down SET and OUT together.
APPLICATIONS INFORMATION
+
–
SET
+
–
LT3082
10μA
IN
OUT
VIN
VOUT
3082 TA02
GAIN = 4
LT1991
4.7μF
150k
150k
450k
LTC2641
SPI
SET
+
–
LT3082
10μA
IN
OUT
VIN
VOUT
3082 TA03
R1
R2
VN2222LL
2.2μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com