Electronic Components Datasheet Search
  English  ▼

X  

LT3082ESTPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LT3082ESTPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3082ESTPBF Datasheet HTML 12Page - Linear Technology LT3082ESTPBF Datasheet HTML 13Page - Linear Technology LT3082ESTPBF Datasheet HTML 14Page - Linear Technology LT3082ESTPBF Datasheet HTML 15Page - Linear Technology LT3082ESTPBF Datasheet HTML 16Page - Linear Technology LT3082ESTPBF Datasheet HTML 17Page - Linear Technology LT3082ESTPBF Datasheet HTML 18Page - Linear Technology LT3082ESTPBF Datasheet HTML 19Page - Linear Technology LT3082ESTPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3082
20
3082f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0709 • PRINTED IN USA
TYPICAL APPLICATIONS
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1761
100mA, Low Noise LDO
300mV Dropout Voltage, Low Noise = 20μVRMS, VIN: 1.8V to 20V, ThinSOT™ Package
LT1762
150mA, Low Noise LDO
300mV Dropout Voltage, Low Noise = 20μVRMS, VIN: 1.8V to 20V, MS-8 Package
LT1763
500mA, Low Noise LDO
300mV Dropout Voltage, Low Noise = 20μVRMS, VIN: 1.8V to 20V, SO-8 Package
LT1962
300mA, Low Noise LDO
270mV Dropout Voltage, Low Noise = 20μVRMS, VIN: 1.8V to 20V, MS-8 Package
LT1964
200mA, Low Noise, Negative LDO
340mV Dropout Voltage, Low Noise = 30μVRMS, VIN: –1.8V to –20V, ThinSOT Package
LT3008
20mA, 45V, 3μA IQ Micropower
LDO
280mV Dropout Voltage, Low IQ = 3μA, VIN: 2V to 45V, VOUT: 0.6V to 39.5V;
ThinSOT and 2mm × 2mm DFN-6 Packages
LT3009
20mA, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ = 3μA, VIN: 1.6V to 20V, VOUT: 0.6V to 19.5V;
ThinSOT and SC-70 Packages
LT3010
50mA, High Voltage, Micropower
LDO
VIN: 3V to 80V, VOUT: 1.275V to 60V, VDO = 0.3V, IQ = 30μA, ISD <1μA,
Low Noise <100μVRMS, Stable with 1μF Output Capacitor, Exposed MS8 Package
LT3011
50mA, High Voltage, Micropower
LDO with Power Good
VIN: 3V to 80V, VOUT: 1.275V to 60V, VDO = 0.3V, IQ = 46μA, ISD <1μA,
Low Noise <100μVRMS, Power Good, Stable with 1μF Output Capacitor,
3mm × 3mm DFN-10 and Exposed MS-12E Packages
LT3012
250mA, 4V to 80V, Low Dropout
Micropower Linear Regulator
VIN: 4V to 80V, VOUT: 1.24V to 60V, VDO = 0.4V, IQ = 40μA, ISD <1μA,
TSSOP-16E and 4mm × 3mm DFN-12 Packages
LT3013
250mA, 4V to 80V, Low Dropout
Micro-power Linear Regulator
with PWRGD
VIN: 4V to 80V, VOUT: 1.24V to 60V, VDO = 0.4V, IQ = 65μA, ISD <1μA, Power Good;
TSSOP-16E and 4mm × 3mm DFN-12 Packages
LT3014/LT3014HV
20mA, 3V to 80V, Low Dropout
Micropower Linear Regulator
VIN: 3V to 80V (100V for 2ms, HV Version), VOUT: 1.22V to 60V, VDO = 0.35V, IQ = 7μA,
ISD <1μA, ThinSOT and 3mm × 3mm DFN-8 Packages
LT3020
100mA, Low Voltage VLDO Linear
Regulator
VIN: 0.9V to 10V, VOUT: 0.2V to 5V (Min), VDO = 0.15V, IQ = 120μA, Noise <250μVRMS,
Stable with 2.2μF Ceramic Capacitors, DFN-8 and MS-8 Packages
LT3021
500mA, Low Voltage, Very Low
Dropout VLDO Linear Regulator
VIN: 0.9V to 10V, Dropout Voltage = 160mV (Typical), Adjustable Output (VREF = VOUT(MIN)
= 200mV), Fixed Output Voltages: 1.2V, 1.5V, 1.8V, Stable with Low ESR, Ceramic Output
Capacitors 16-Pin 5mm × 5mm DFN and 8-Lead SO Packages
LT3080/LT3080-1
1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise = 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors; TO-220, SOT-223, MSOP-8 and
3mm × 3mm DFN-8 Packages; LT3080-1 Version Has Integrated Internal Ballast Resistor
LT3085
500mA, Parallelable, Low Noise,
Low Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No
Op Amp Required), Stable with Ceramic Capacitors; MSOP-8 and 2mm × 3mm DFN-6 Packages
ThinSOT is a trademark of Linear Technology Corporation.
SET
+
–
LT3082
10μA
3082 TA11
IN
OUT
R2
100k
VOUT
0.5V TO 3V
VIN
R1, 100k
V1
0V TO 5V
2.2μF
Active-Driven Regulator
V
R
RR
VµA
R
R
OUT =
+
⎛
⎝⎜
⎞
⎠⎟
+
2
12
110
1
2
•• (
||
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com