Electronic Components Datasheet Search
  English  ▼

X  

STAR1000 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 3Page - Cypress Semiconductor STAR1000 Datasheet HTML 4Page - Cypress Semiconductor STAR1000 Datasheet HTML 5Page - Cypress Semiconductor STAR1000 Datasheet HTML 6Page - Cypress Semiconductor STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor STAR1000 Datasheet HTML 10Page - Cypress Semiconductor STAR1000 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 7 of 21
Architecture
Floor Plan
Figure 3. STAR1000 Floor Plan
The image sensor contains five sections: the pixel array, the X-
and Y- addressing logic, the column amplifiers, the output
amplifier and the ADC. Figure 3 shows an outline diagram of the
sensor, including an indication of the main control signals. The
following paragraphs explain the function and operation of the
different imager parts in detail.
Pixel Array
The pixel array contains 1024 by 1024 active pixels at 15
μm
pitch. Each pixel contains one photo diode and three transistors
(Figure 4).
The photo diode is always in reverse bias. At the beginning of
the integration cycle, a pulse is applied to the reset line (gate of
T1) bringing the cathode of D1 to the reset voltage level. During
the integration period, photon-generated electrons accumulate
on the diode capacitance reducing the voltage on the gate of T2.
The real illumination dependent signal is the difference between
the reset level and the output level after integration. This
difference is created in the column amplifiers. T2 acts as a
source follower and T3 allows connection of the pixel signal
(reset level and output level) to the vertical output bus.
The reset lines and the read lines of the pixels in a row are
connected together to the Y- decoder logic; the outputs of the
pixels in a column are connected together to a column amplifier.
Figure 4. Architecture of the 3T Pixel
Reset
Reset_DS
Vref
Ld_Y
A0....A9
Y Address
Decoder
and Logic
Pixel Array
1024 x 1024 pixels
1024
Rst
1024
Rd
10
Rst
Rd
Col
10-bit ADC
10
D0...D9
Clk_ADC
Ain
S
R
Column Amplifiers
1024
1024
1024
10
10
1024
1024
Clk_X
Ld_X
X Register
X Address Decoder
Rst
Sig
Progr. Gain
Amplifier
Buffer
Aout
T1
T2
T3
Read
Reset
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com