Electronic Components Datasheet Search
  English  ▼

X  

STAR1000 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STAR1000 Datasheet HTML 1Page - Cypress Semiconductor STAR1000 Datasheet HTML 2Page - Cypress Semiconductor STAR1000 Datasheet HTML 3Page - Cypress Semiconductor STAR1000 Datasheet HTML 4Page - Cypress Semiconductor STAR1000 Datasheet HTML 5Page - Cypress Semiconductor STAR1000 Datasheet HTML 6Page - Cypress Semiconductor STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
STAR1000
1M Pixel Radiation Hard CMOS Image
Sensor
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-05714 Rev. *C
Revised July 20, 2009
Features
The STAR1000 sensor has the following characteristics:
■ Integrating 3-transistor Active Pixel Sensor.
■ 1024 by 1024 pixels on 15 mm pitch.
■ Radiation tolerant design.
■ On-chip double sampling circuit to cancel Fixed Pattern Noise.
■ Electronic shutter.
■ Read out rate: up to 11 full frames per second.
■ Region of Interest (ROI) windowing.
■ On-chip 10-bit ADC.
■ Programmable gain amplifier.
■ Ceramic JLCC-84 package.
■ Available with BK7G18 glass and with N2 filled cavity
Sensor Description
The STAR1000 is a CMOS image sensor with 1024 by 1024
pixels on a 15 mm pitch. It features on-chip Fixed Pattern Noise
(FPN) correction, a programmable gain amplifier, and a 10-bit
Analog-to-Digital Converter (ADC).
All circuits are designed using the radiation tolerant design rules
for CMOS image sensors, to allow a high tolerance against total
dose effects.
Registers that are directly accessed by the external controller
contain the X- and Y- addresses of the pixels to be read. This
architecture provides flexible operation and allows different
operation modes such as (multiple) windowing, subsampling,
etc.
Three
versions
of
sensors
are
available:
STAR1000,
STAR1000BK7, and STAR1000SP. The STAR1000 has a quartz
glass lid, and the cavity between the die and the glass lid is filled
with air. The STAR1000BK7 has a BK7G18 glass lid, and the
cavity is filled with N2 which increases the temperature operating
range. The STAR1000SP is similar to the STAR1000BK7, it has
a BK7G18 glass lid, and a N2 filled cavity, but is also screened
and tested to space qualified device standards.
[+] Feedback


Similar Part No. - STAR1000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1,009Kb / 24P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
1M Pixel Radiation Hard CMOS Image Sensor
More results

Similar Description - STAR1000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
250K Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
1M Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com