Electronic Components Datasheet Search
  English  ▼

X  

STAR1000 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor STAR1000 Datasheet HTML 10Page - Cypress Semiconductor STAR1000 Datasheet HTML 11Page - Cypress Semiconductor STAR1000 Datasheet HTML 12Page - Cypress Semiconductor STAR1000 Datasheet HTML 13Page - Cypress Semiconductor STAR1000 Datasheet HTML 14Page - Cypress Semiconductor STAR1000 Datasheet HTML 15Page - Cypress Semiconductor STAR1000 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 12 of 21
Pin List
Figure 7 displays the pin connections of the STAR1000. The tables that follow group the connections by their functionality.
Figure 7. STAR1000 Pin Connections
Table 8. Pin List of the STAR1000 Sensor
Pin
Pin Name
Pin Type
Pin Description
1
A3
Input
2
A4
Input
3
A5
Input
4
A6
Input
5
A7
Input
6
A8
Input
7
A9
Input
8
LD_Y
Input
Digital Input. Latch address (A0…A9) to Y-register (0 = track, 1 = hold).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com