Electronic Components Datasheet Search
  English  ▼

X  

LTC3620 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3620
Description  Ultralow Power 15mA Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3620 Datasheet(HTML) 2 Page - Linear Technology

  LTC3620 Datasheet HTML 1Page - Linear Technology LTC3620 Datasheet HTML 2Page - Linear Technology LTC3620 Datasheet HTML 3Page - Linear Technology LTC3620 Datasheet HTML 4Page - Linear Technology LTC3620 Datasheet HTML 5Page - Linear Technology LTC3620 Datasheet HTML 6Page - Linear Technology LTC3620 Datasheet HTML 7Page - Linear Technology LTC3620 Datasheet HTML 8Page - Linear Technology LTC3620 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3620
2
3620f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage.................................... –0.3V to 6V
RUN Voltage ................................. –0.3V to (VIN + 0.3V)
VFB Voltage ................................... –0.3V to (VIN + 0.3V)
LOBATB Voltage........................................... –0.3V to 6V
FMIN/MODE Voltage ..................... –0.3V to (VIN + 0.3V)
SW Voltage .................................. –0.3V to (VIN + 0.3V)
P-channel Switch Source Current (DC) ..................50mA
N-channel Switch Sink Current (DC)......................50mA
Operating Junction Temperature Range
(Notes 2, 4)............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
TOP VIEW
SW
GND
FMIN/MODE
LOBATB
VIN
RUN
VFB
NC
DC PACKAGE
8-LEAD (2mm 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 88.5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3620EDC#PBF
LTC3620EDC#TRPBF
LFJJ
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3620EDC-1#PBF
LTC3620EDC-1#TRPBF
LFJK
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
2.9
5.5
V
VFB
Regulated Feedback Voltage (Note 3)
LTC3620
LTC3620
LTC3620-1
LTC3620-1
l
l
0.594
0.588
1.089
1.078
0.6
0.6
1.1
1.1
0.606
0.612
1.111
1.122
V
V
V
V
ΔVFB
Reference Voltage Line Regulation
VIN = 3V to 5.5V (Note 3)
0.05
0.15
%/V
VLOADREG
Output Voltage Load Regulation
(Note 3)
0.5
%
IQ
Quiescent Current, No Switching
VFB = 0.65V, FMIN/MODE = VIN
18
25
μA
IQSD
Quiescent Current in Shutdown
RUN = 0V
0.01
1
μA
IQU
Quiescent Current in UVLO Condition
RUN = VIN, VIN = 2.5V
0.5
μA
IPK
Peak Inductor Current
35
mA
fSW
Minimum Switching Frequency (Internal) VFB = 0.65V, FIN/MODE = 0
l
40
50
kHz
VRUN
RUN Input Voltage High
0.8
V
RUN Input Voltage Low
0.3
V
IRUN
RUN Leakage Current
±0.01
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com