Electronic Components Datasheet Search
  English  ▼

X  

LTC3620 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3620
Description  Ultralow Power 15mA Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3620 Datasheet(HTML) 4 Page - Linear Technology

  LTC3620 Datasheet HTML 1Page - Linear Technology LTC3620 Datasheet HTML 2Page - Linear Technology LTC3620 Datasheet HTML 3Page - Linear Technology LTC3620 Datasheet HTML 4Page - Linear Technology LTC3620 Datasheet HTML 5Page - Linear Technology LTC3620 Datasheet HTML 6Page - Linear Technology LTC3620 Datasheet HTML 7Page - Linear Technology LTC3620 Datasheet HTML 8Page - Linear Technology LTC3620 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3620
4
3620f
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Load Current, FMIN/MODE
Load Regulation
LTC3620 Feedback Voltage
vs Temperature
UVLO Threshold vs Temperature
LOBATB Threshold
vs Temperature
Peak Inductor Current
vs Temperature
Switching Waveforms at 250μA
Load, FMIN/MODE = 0V
LOAD CURRENT (mA)
0
–0.1
0.1
3620 G02
–0.3
–0.5
5
10
15
0.5
0.3
VIN = 3.6V
VOUT = 1.1V
FMIN/MODE = 0V
TA = 25°C
TEMPERATURE (°C)
–50
600
605
610
130
3620 G03
595
590
580
0
50
100
585
620
615
VIN = 3.6V
VOUT = 1.1V
FMIN/MODE = 0V
LTC3620-1 Feedback Voltage
vs Temperature
TEMPERATURE (°C)
–50
1.105
1.110
1.115
130
3620 G04
1.100
1.095
1.090
1.080
0
50
100
1.085
1.125
1.120
VIN = 3.6V
FMIN/MODE = 0V
Quiescent Current vs Temperature
TEMPERATURE (°C)
–50
10
12
16
18
20
30
24
0
50
3620 G05
14
26
28
22
100
130
VIN = 3.6V
VIN = 5V
VOUT = 1.1V
FMIN/MODE = VIN
TEMPERATURE (°C)
–50
2.75
2.76
2.78
2.79
2.80
2.85
2.82
0
50
3620 G06
2.77
2.83
2.84
2.81
100
130
VOUT = 1.1V
FMIN/MODE = 0V
TEMPERATURE (°C)
–50
2.95
2.96
2.98
2.99
3.00
3.05
3.02
0
50
3620 G07
2.97
3.03
3.04
3.01
100
130
VOUT = 1.1V
FMIN/MODE = 0V
TEMPERATURE (°C)
–50
34
35
36
37
38
39
40
0
50
100
130
3620 G08
VOUT = 1.1V
L = 22μH
VIN = 3.6V
VIN = 5.5V
VOUT (AC)
20mV/DIV
VSW
2V/DIV
IL
25mA/DIV
4μs/DIV
VOUT = 1.1V
VIN = 3.6V
TA = 25°C
3620 G09
LOAD CURRENT (mA)
100
1000
0.01
1
10 20
3620 G01
10
0.1
TA = 25°C
VIN = 3.6V
VOUT = 1.1V
200kHz, EXTERNAL
FMIN/MODE = 0V
FMIN/MODE = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com