Electronic Components Datasheet Search
  English  ▼

X  

LTM4609EV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4609EV
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609EV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4609EV Datasheet HTML 8Page - Linear Technology LTM4609EV Datasheet HTML 9Page - Linear Technology LTM4609EV Datasheet HTML 10Page - Linear Technology LTM4609EV Datasheet HTML 11Page - Linear Technology LTM4609EV Datasheet HTML 12Page - Linear Technology LTM4609EV Datasheet HTML 13Page - Linear Technology LTM4609EV Datasheet HTML 14Page - Linear Technology LTM4609EV Datasheet HTML 15Page - Linear Technology LTM4609EV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4609
12
4609fa
APPLICATIONS INFORMATION
In buck mode, the allowed maximum average load cur-
rent is:
IOUT(MAX,BUCK) =
130mV
RSENSE
+
ΔIL
2
The maximum current sensing RSENSE value for the boost
mode is:
RSENSE(MAX,BOOST) =
2 •160mV • VIN
2•IOUT(MAX,BOOST) •VOUT +ΔIL •VIN
The maximum current sensing RSENSE value for the buck
mode is:
RSENSE(MAX,BUCK) =
2 •130mV
2•IOUT(MAX,BUCK) – ΔIL
A 20% to 30% margin on the calculated sensing resistor is
usually recommended. Please refer to Table 3 for the rec-
ommended sensing resistors for different applications.
Soft-Start
The SS pin provides a means to soft-start the regulator.
A capacitor on this pin will program the ramp rate of the
output voltage. A 1.7μA current source will charge up the
external soft-start capacitor. This will control the ramp of
the internal reference and the output voltage. The total
soft-start time can be calculated as:
tSOFTSTART =
2.4V •CSS
1.7µA
When the RUN pin falls below 1.6V, then soft-start pin is
reset to allow for proper soft-start control when the regula-
tor is enabled again. Current foldback and force continuous
mode are disabled during the soft-start process. The soft-
start function can also be used to control the output ramp
up time, so that another regulator can be easily tracked.
Do not apply more than 6V to the SS pin.
Run Enable
The RUN pin is used to enable the power module. The pin
can be driven with a logic input, and not exceed 6V.
The RUN pin can also be used as an undervoltage lockout
(UVLO) function by connecting a resistor from the input
supply to the RUN pin. The equation:
V_UVLO= R1+R2
R2
•1.6V
Power Good
The PGOOD pin is an open drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±7.5% window around the regulation point, and tracks
with margining.
COMP Pin
This pin is the external compensation pin. The module
has already been internally compensated for most output
voltages. A spice model will be provided for other control
loop optimization.
Fault Conditions: Current Limit and Overcurrent
Foldback
LTM4609 has a current mode controller, which inherently
limits the cycle-by-cycle inductor current not only in steady
state operation, but also in transient. Refer to Table 3.
To further limit current in the event of an overload condi-
tion, the LTM4609 provides foldback current limiting. If the
output voltage falls by more than 70%, then the maximum
output current is progressively lowered to about 30% of
its full current limit value for boost mode and about 40%
for buck mode.
Standby Mode (STBYMD)
The standby mode (STBYMD) pin provides several choices
for start-up and standby operational modes. If the pin is
pulled to ground, the SS pin is internally pulled to ground,
preventing start-up and thereby providing a single control
pin for turning off the controller. If the pin is left open or
decoupled with a capacitor to ground, the SS pin is internally
provided with a starting current, permitting external control
for turning on the controller. If the pin is connected to a
voltage greater than 1.25V, the internal regulator (INTVCC)
will be on even when the controller is shut down (RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com