Electronic Components Datasheet Search
  English  ▼

X  

LTM4609EV Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4609EV
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609EV Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4609EV Datasheet HTML 13Page - Linear Technology LTM4609EV Datasheet HTML 14Page - Linear Technology LTM4609EV Datasheet HTML 15Page - Linear Technology LTM4609EV Datasheet HTML 16Page - Linear Technology LTM4609EV Datasheet HTML 17Page - Linear Technology LTM4609EV Datasheet HTML 18Page - Linear Technology LTM4609EV Datasheet HTML 19Page - Linear Technology LTM4609EV Datasheet HTML 20Page - Linear Technology LTM4609EV Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4609
17
4609fa
Figure 5. Boost Mode Operation
Figure 6. Buck Mode Operation
APPLICATIONS INFORMATION
VIN
(V)
VOUT
(V)
RSENSE
(0.5W RATING)
Inductor
(μH)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
IOUT(MAX)*
(A)
5
30
2 × 16mΩ 0.5W
3.3
NONE
150μF 50V
4 × 22μF 50V
2 × 150μF 50V
1.3
12
30
2 × 14mΩ 0.5W
4.7
NONE
150μF 50V
4 × 22μF 50V
2 × 150μF 50V
3
32
30
1 × 12mΩ 0.5W
2.5
2 × 10μF 50V
150μF 50V
2 × 22μF 50V
2 × 150μF 50V
8
36
30
1 × 13mΩ 0.5W
4.7
2 × 10μF 50V
150μF 50V
2 × 22μF 50V
2 × 150μF 50V
8
5
34
2 × 18mΩ 0.5W
3.3
NONE
150μF 50V
4 × 22μF 50V
2 × 150μF 50V
1
12
34
2 × 16mΩ 0.5W
4.7
NONE
150μF 50V
4 × 22μF 50V
2 × 150μF 50V
3
24
34
1 × 12mΩ 0.5W
5.6
NONE
150μF 50V
4 × 22μF 50V
2 × 150μF 50V
5
36
34
1 × 12mΩ 0.5W
2.5
2 × 10μF 50V
150μF 50V
2 × 22μF 50V
2 × 150μF 50V
8
INDUCTOR MANUFACTURER
WEBSITE
PHONE NUMBER
Sumida
www.sumida.com
408-321-9660
Toko
www.toko.com
847-297-0070
SENSING RESISTOR MANUFACTURER
WEBSITE
PHONE NUMBER
Panasonic
www.panasonic.com/industrial/components
949-462-1816
KOA
www.koaspeer.com
814-362-5536
Vishay
www.vishay.com
800-433-5700
*Maximum load current is based on the Linear Technology DC1198A at room temperature with natural convection. Poor board layout design may
decrease the maximum load current.
LOAD CURRENT (A)
0
0
1
3
4
5
7
6
1
4609 F05
2
2
3
5VIN TO 16VOUT
5VIN TO 30VOUT
LOAD CURRENT (A)
0
0
1
3
4
5
7
6
123456
4609 F06
2
78
9
32VIN TO 12VOUT
36VIN TO 20VOUT
Table 3. Typical Components (ƒ = 400kHz) Continued
(Power Loss includes all external components)
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com