Electronic Components Datasheet Search
  English  ▼

X  

LTM4609EV Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4609EV
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609EV Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4609EV Datasheet HTML 11Page - Linear Technology LTM4609EV Datasheet HTML 12Page - Linear Technology LTM4609EV Datasheet HTML 13Page - Linear Technology LTM4609EV Datasheet HTML 14Page - Linear Technology LTM4609EV Datasheet HTML 15Page - Linear Technology LTM4609EV Datasheet HTML 16Page - Linear Technology LTM4609EV Datasheet HTML 17Page - Linear Technology LTM4609EV Datasheet HTML 18Page - Linear Technology LTM4609EV Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4609
15
4609fa
APPLICATIONS INFORMATION
For the input capacitor, only minimum capacitors are
needed to handle the maximum RMS current, since it
is a continuous input current at boost mode. A 100μF
capacitor is only needed if the input source impedance is
compromised by long inductive leads or traces.
Since the output capacitors at boost mode need to filter
the square wave current, more capacitors are expected
to achieve the same output ripples as the buck mode. If
assuming that the ESR dominates the output ripple, the
output ripple is as follows:
ΔVOUT(P-P) =ESR •IL(MAX)
If a total low ESR about 5mΩ is chosen for output capaci-
tors, the maximum output ripple of 70mV occurs at the input
voltage of 5V with the peak inductor current at 14A.
An RC snubber is recommended on SW1 to obtain low
switching noise, as shown in Figure 17.
Wide Input Mode Operation
If a wide input range is required from 5V to 36V, the module
will work in different operation modes. If input voltage
VIN = 5V to 36V, VOUT = 12V and ƒ = 400kHz, the design
needs to consider the worst case in buck or boost mode
design. Therefore, the maximum output power is limited
to 60W. The sensing resistor is chosen at 8mΩ, the input
capacitor is the same as the buck mode design and the
output capacitor uses the boost mode design. Since the
maximum output ripple normally occurs at boost mode
in the wide input mode design, more inductor ripple cur-
rent, up to 150% of the inductor current, is allowed at
buck mode to meet the ripple design requirement. Thus,
a 3.3μH inductor is chosen at the wide input mode. The
maximum output ripple voltage is still 70mV if the total
ESR is about 5mΩ.
Additionally, the current limit may become very high when
the module runs at buck mode due to the low sensing
resistor used in the wide input mode operation.
Safety Considerations
The LTM4609 modules do not provide isolation from VIN to
VOUT. There is no internal fuse. If required, a slow blow fuse
with a rating twice the maximum input current needs to be
provided to protect each unit from catastrophic failure.
Figure 4. Current Ripple Ratio at Different Inputs for Boost Mode
INPUT VOLTAGE VIN (V)
57
0.8
0.6
0.4
0.2
0
4609 F04
911
12
68
10
1.5μH
2.5μH
3.3μH
4.7μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com