Electronic Components Datasheet Search
  English  ▼

X  

LTM9003 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM9003
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM9003 Datasheet HTML 5Page - Linear Technology LTM9003 Datasheet HTML 6Page - Linear Technology LTM9003 Datasheet HTML 7Page - Linear Technology LTM9003 Datasheet HTML 8Page - Linear Technology LTM9003 Datasheet HTML 9Page - Linear Technology LTM9003 Datasheet HTML 10Page - Linear Technology LTM9003 Datasheet HTML 11Page - Linear Technology LTM9003 Datasheet HTML 12Page - Linear Technology LTM9003 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM9003
9
9003p
TYPICAL PERFORMANCE CHARACTERISTICS
IF Frequency Response,
LTM9003-AA
IF Frequency Response,
LTM9003-AA
64k Point FFT, LTM9003-AA
64k Point 2-Tone FFT,
LTM9003-AA
SNR vs Frequency, LTM9003-AA
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–120
40
80
20
60
100
9003 G01
120
fIN = 1950MHz
–1dBFS
SENSE = VDD
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–120
40
80
20
60
100
9003 G02
120
fIN = 1948MHz,
fIN = 1952MHz
–7dBFS PER TONE
SENSE = VDD
IF FREQUENCY (MHz)
10
66
64
62
65
63
61
60
210
310
160
110
60
260
360
9003 G03
410
IF FREQUENCY (MHz)
0
–1.0
–2.0
–0.5
–1.5
–2.5
–3.0
210
160
135
110
235
185
9003 G04
260
IF FREQUENCY (MHz)
10
210
310
160
110
60
260
360
9003 G05
410
0
–20
–40
–10
–5
–30
–25
–15
–35
–45
–50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com