Electronic Components Datasheet Search
  English  ▼

X  

EC500 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # EC500
Description  pH/Conductivity / TDS / Salinity / Temperature Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EC500 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  EC500 Datasheet HTML 1Page - Extech Instruments Corporation. EC500 Datasheet HTML 2Page - Extech Instruments Corporation. EC500 Datasheet HTML 3Page - Extech Instruments Corporation. EC500 Datasheet HTML 4Page - Extech Instruments Corporation. EC500 Datasheet HTML 5Page - Extech Instruments Corporation. EC500 Datasheet HTML 6Page - Extech Instruments Corporation. EC500 Datasheet HTML 7Page - Extech Instruments Corporation. EC500 Datasheet HTML 8Page - Extech Instruments Corporation. EC500 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EC500 V2.3 3/08
5
8888
Conductivity
TDS
Salinity
PH
L
M
H
pH
(ppm)
(mg/l)
mgL
Measurement Procedure
Sample Preparation:
1.
For Conductivity, TDS or Salinity place the test sample in
a sample cup with enough depth (2.5cm minimum) to
cover the electrode. Stir the solution to remove any air
bubbles.
2.
For pH, place the tip of the electrode in the sample or
make contact with a wet surface.
Measurement:
1.
Press the ON button. (
and then “SELF CAL” will
appear in the display during the turn-on diagnostics)
2.
Depress and hold the MODE/HOLD key to scroll to the desired
measurement mode.
3.
Insert the electrode into the sample making sure that the
electrodes are completely submersed.
4.
Slowly stir the solution with the electrode to remove air bubbles
if in the Conductivity, TDS or Salinity mode.
5.
If in the Conductivity, TDS or Salinity modes, the meter will
auto-range to the proper range and then display the reading.
EC500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com