Electronic Components Datasheet Search
  English  ▼

X  

EC500 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # EC500
Description  pH/Conductivity / TDS / Salinity / Temperature Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EC500 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  EC500 Datasheet HTML 1Page - Extech Instruments Corporation. EC500 Datasheet HTML 2Page - Extech Instruments Corporation. EC500 Datasheet HTML 3Page - Extech Instruments Corporation. EC500 Datasheet HTML 4Page - Extech Instruments Corporation. EC500 Datasheet HTML 5Page - Extech Instruments Corporation. EC500 Datasheet HTML 6Page - Extech Instruments Corporation. EC500 Datasheet HTML 7Page - Extech Instruments Corporation. EC500 Datasheet HTML 8Page - Extech Instruments Corporation. EC500 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EC500 V2.3 3/08
3
Specifications
Display
2000 count LCD with Bargraph
pH Range
0.00 to 14.00
pH Accuracy
±0.01 pH typical
pH ATC Range
0°C to 90
oC (32°F to 194oF)
pH Reference Junction
Permanent gel, non-refillable
Conductivity ranges
0 to 199.9µS/cm
200 to 1999µS/cm
2.00 to 19.99mS/cm
TDS ranges
0 to 99.9ppm or mg/L
(Variable ratio)
100 to 999ppm or mg/L
1.00 to 9.99ppt or g/L
Salinity range
0 to 99.9ppm
(Fixed ratio of 0.5)
100 to 999ppm
1.00 to 9.99ppt
TDS Ratio
0.4 to 1.0 adjustable
Salinity Ratio
0.5 Fixed
Conductivity ATC
2.0% per
oC
Temperature Range
-5.0°C to 90.0
oC (23.0°F to 194oF)
Temperature Resolution
0.1 up to 99.9, 1 >100
Temperature Accuracy
±1
°C; 1.8°F (from -5 to 50°C; 23 to 122°F)
±3
°C; 5.4°F (from 50 to 90°C; 122 to 194°F)
Conductivity ATC Range
0.0°C to 60.0
oC (32.0°F to 140oF)
Accuracy
Conductivity: ±2% full scale
TDS: ±2% full scale
Salinity: ±2% full scale
Measurement Storage
25 tagged (numbered) readings
Low battery indication
‘BAT’ appears on the LCD
Power
Four (4) CR2032 Lithium Ion Batteries
Auto power off
After 10 minutes (override available)
Operating conditions
-5°C to 50
oC (23°F to 122oF)
Dimensions
40 x 200 x 40 mm (1.6 x 7.9 x 1.6”)
Weight
93 g (3.3 oz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com