| Electronic Components Datasheet Search |
|
EC500 Datasheet(PDF) 2 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
EC500 Datasheet(HTML) 2 Page - Extech Instruments Corporation. |
|
2 / 14 page ![]() EC500 V2.3 3/08 2 Introduction Congratulations on your purchase of the ExStik ® EC500 pH/Conductivity/Total Dissolved Solids (TDS) / Salinity meter. With the EC500’s dynamic cell-constant technology it is possible to measure a wide range of Conductivity, TDS, and Salinity with the same electrode. Careful use and maintenance will provide years of reliable service. Powering the ExStik™ The ExStik ® uses four (4) CR2032 Lithium Ion Batteries (included). If the batteries are weak, the ‘BAT’ indicator appears on the LCD. Press the ON/OFF key to turn the ExStik ® on or off. The auto power off feature shuts the ExStik ® off automatically after 10 minutes of inactivity to preserve battery life. Getting Started • For new meters, remove the battery cap and then remove the battery insulating strip. • Remove the cap from the bottom of the ExStik to expose the pH electrode, reference junction and conductivity electrodes. • Before the first use or after storage, soak the electrode in tap water or pH 4 buffer solution for about 10 minutes. • White KCL crystals may be present in the cap or on the electrode. This is to be expected depending on the length of time in storage. These crystals will dissolve while soaking the electrode or they can be rinsed away with tap water. • For best results calibrate with pH 7 buffer solution first, then calibrate with the buffer solution closest to the expected pH value of the solution or material to be tested. • To preserve the pH electrode life keep the sponge in the protective cap soaked with tap water or pH 4 buffer solution. • For best results, calibrate for conductivity with a standard in the expected range of the sample. For maximum accuracy calibrate from low conductivity value standards to high value standards. Warranty EXTECH INSTRUMENTS CORPORATION (A FLIR COMPANY) warrants this instrument to be free of defects in parts and workmanship for one year from date of shipment (a six month limited warranty applies to sensors and cables). If it should become necessary to return the instrument for service during or beyond the warranty period, contact the Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit our website www.extech.com for contact information. A Return Authorization (RA) number must be issued before any product is returned to Extech. The sender is responsible for shipping charges, freight, insurance and proper packaging to prevent damage in transit. This warranty does not apply to defects resulting from action of the user such as misuse, improper wiring, operation outside of specification, improper maintenance or repair, or unauthorized modification. Extech specifically disclaims any implied warranties or merchantability or fitness for a specific purpose and will not be liable for any direct, indirect, incidental or consequential damages. Extech's total liability is limited to repair or replacement of the product. The warranty set forth above is inclusive and no other warranty, whether written or oral, is expressed or implied. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |