Electronic Components Datasheet Search
  English  ▼

X  

EX710 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # EX710
Description  800 Amp Clamp Meters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX710 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button EX710 Datasheet HTML 2Page - Extech Instruments Corporation. EX710 Datasheet HTML 3Page - Extech Instruments Corporation. EX710 Datasheet HTML 4Page - Extech Instruments Corporation. EX710 Datasheet HTML 5Page - Extech Instruments Corporation. EX710 Datasheet HTML 6Page - Extech Instruments Corporation. EX710 Datasheet HTML 7Page - Extech Instruments Corporation. EX710 Datasheet HTML 8Page - Extech Instruments Corporation. EX710 Datasheet HTML 9Page - Extech Instruments Corporation. EX710 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EX700 Series Version 3.0 1/05
6
Function
Range and
Resolution
Accuracy
(% of reading + digits)
EX710
EX720
EX730
-4 to 1400
oF
NA
± (3%rdg + 9
oF)
± (3%rdg + 9
oF)
Temperature
-20 to 760
oC
NA
± (3%rdg + 5
oC)
± (3%rdg + 5
oC)
General Specifications
Clamp jaw opening
1.2" (30mm) approx.
Display
3-3/4 digits (4000 counts) backlit LCD
Continuity check
Threshold 40
Ω; Test current < 0.5mA
Diode test
Test current of 0.3mA typical;
Open circuit voltage < 3VDC typical
Low Battery indication
‘BAT’ is displayed
Over-range indication
‘OL’ display
Measurement rate
2 readings per second, nominal
PEAK
Captures peaks >1ms
Temperature sensor
Type K thermocouple
Input Impedance
10M
Ω (VDC and VAC)
AC bandwidth
50 to 400Hz (AAC and VAC)
AC response
True rms (AAC and VAC) on EX720 & EX730
Crest Factor
3.0 in 40A and 400A ranges, 1.4 in 800A range (50/60Hz
and 5% to 100% of range)
Operating Temperature
41
oF to 104oF (5oC to 40oC)
Storage Temperature
-4
oF to 140oF (-20oC to 60oC)
Operating Humidity
Max 80% up to 87
oF (31oC) decreasing linearly to 50% at
104
oF(40oC)
Storage Humidity
<80%
Operating Altitude
7000ft. (2000meters) maximum.
Battery
One (1) 9V Battery
Auto power OFF
After approx. 25 minutes
Dimensions & Weight
9.0 x 3.1 x 2.0" (229 x 80 x 49mm); 10.7 oz. (303g)
Safety
For indoor use and in accordance with the requirements for
double insulation to IEC1010-1 (2001): EN61010-1 (2001)
Overvoltage Category III 600V and Category II 1000V,
Pollution Degree 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com