Electronic Components Datasheet Search
  English  ▼

X  

EX710 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # EX710
Description  800 Amp Clamp Meters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX710 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

Back Button EX710 Datasheet HTML 3Page - Extech Instruments Corporation. EX710 Datasheet HTML 4Page - Extech Instruments Corporation. EX710 Datasheet HTML 5Page - Extech Instruments Corporation. EX710 Datasheet HTML 6Page - Extech Instruments Corporation. EX710 Datasheet HTML 7Page - Extech Instruments Corporation. EX710 Datasheet HTML 8Page - Extech Instruments Corporation. EX710 Datasheet HTML 9Page - Extech Instruments Corporation. EX710 Datasheet HTML 10Page - Extech Instruments Corporation. EX710 Datasheet HTML 11Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EX700 Series Version 3.0 1/05
7
Operation
NOTES: Read and understand all Warning and Caution statements in this operation manual prior to using
this meter. Set the function select switch to the OFF position when the meter is not in use.
AC/DC Current Measurements (DC Current on Model EX730 only)
WARNING: Ensure that the test leads are disconnected from the meter before making current clamp
measurements.
1.
Set the Function switch to the 800A,
400A, or 40A range. If the approx.
range of the measurement is not known,
select the highest range then move to
the lower ranges if necessary.
2.
Use the MODE button to select AC or
DC (EX730 only).
3.
Press the DC ZERO button to zero the
meter display (EX730, DC only).
4.
Press the trigger to open jaw. Fully
enclose only one conductor. For
optimum results, center the conductor in
the jaw.
5.
The clamp meter LCD will display the
reading.
AC/DC Voltage Measurements
1.
Insert the black test lead into the negative COM terminal and the
red test lead into the positive V·
Ω·CAP·TEMP·Hz·
terminal.
2.
Set the function switch to the V Hz position.
3.
Use the MODE button to select AC or DC Voltage.
4.
Connect the test leads in parallel to the circuit under test.
5.
Read the voltage measurement on the LCD display.
Correct
Incorrect
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com