Electronic Components Datasheet Search
  English  ▼

X  

EX710 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # EX710
Description  800 Amp Clamp Meters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX710 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button EX710 Datasheet HTML 4Page - Extech Instruments Corporation. EX710 Datasheet HTML 5Page - Extech Instruments Corporation. EX710 Datasheet HTML 6Page - Extech Instruments Corporation. EX710 Datasheet HTML 7Page - Extech Instruments Corporation. EX710 Datasheet HTML 8Page - Extech Instruments Corporation. EX710 Datasheet HTML 9Page - Extech Instruments Corporation. EX710 Datasheet HTML 10Page - Extech Instruments Corporation. EX710 Datasheet HTML 11Page - Extech Instruments Corporation. EX710 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EX700 Series Version 3.0 1/05
11
Maintenance
WARNING: To avoid electrical shock, disconnect the meter from any circuit, remove the test leads from the
input terminals, and turn OFF the meter before opening the case. Do not operate the meter with an open case.
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not use abrasives or
solvents. If the meter is not to be used for 60 days or more, remove the battery and store it
separately.
Battery Replacement
1.
Remove the Phillips head screw that secures the rear battery door
2.
Open the battery compartment
3.
Replace the 9V battery
4.
Secure the battery compartment
Temperature Probe Replacement
The replacement bead wire probe (with banana plug connectors) is Part Number TP873.
Note: To use a Type K thermocouple probe that is terminated by a subminiature (flat
blade) connector, a subminiature-to-banana plug adaptor (Part Number TP879) is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com