Electronic Components Datasheet Search
  English  ▼

X  

MA150 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MA150
Description  200A AC Mini Clamp-on Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA150 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MA150 Datasheet HTML 1Page - Extech Instruments Corporation. MA150 Datasheet HTML 2Page - Extech Instruments Corporation. MA150 Datasheet HTML 3Page - Extech Instruments Corporation. MA150 Datasheet HTML 4Page - Extech Instruments Corporation. MA150 Datasheet HTML 5Page - Extech Instruments Corporation. MA150 Datasheet HTML 6Page - Extech Instruments Corporation. MA150 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MA150 Ver. 2.0 08/07
2
Meter Description
1. Current sense jaw
2. Non-contact AC voltage indicator light
3. Flashlight button
4. Rotary function switch
5. MAX hold and Backlight key
6. LCD display
7. Clamp trigger
8. MODE key
9. COM input jack
10. V Ω input jack
9
10
Safety Information
!
Caution! Refer to the explanation in this Manual
Double Insulation
This meter has been designed to be safe in use, but the operator must use caution in its
operation. The rules listed below should be carefully followed for safe operation.
1. NEVER apply voltage or current to the meter that exceeds the specified maximum:
2. USE EXTREME CAUTION when working with voltages greater than 60VDC or 25VAC
rms. These voltages are considerd a shock hazard.
3. NEVER operate the meter unless the back cover and the battery/fuse door are in place
and fastened securely.
Input Limits
Function
Maximum Input
AC Current
200A
AC/DC Voltage
600V AC/DC
Resistance, Diode, Continuity Test
600V AC/DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com