Electronic Components Datasheet Search
  English  ▼

X  

MA150 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MA150
Description  200A AC Mini Clamp-on Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA150 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MA150 Datasheet HTML 1Page - Extech Instruments Corporation. MA150 Datasheet HTML 2Page - Extech Instruments Corporation. MA150 Datasheet HTML 3Page - Extech Instruments Corporation. MA150 Datasheet HTML 4Page - Extech Instruments Corporation. MA150 Datasheet HTML 5Page - Extech Instruments Corporation. MA150 Datasheet HTML 6Page - Extech Instruments Corporation. MA150 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MA150 Ver. 2.0 08/07
4
Non-Contact AC Voltage Detection
1) AC Voltage detection operates on any of the three Function switch positions.
2) Touch the probe tip to the hot conductor or insert into the hot side of the electrical
outlet.
3) If AC voltage is present, the detector light will illuminate.
NOTE
: The conductors in electrical cord sets are often twisted. For best results, slowly
slide the probe tip along a length of the cord to assure placing the tip in close
proximity to the live conductor.
NOTE
: The detector is designed with high sensitivity. Static electricity or other sources of
energy may randomly turn the detector light on. This is normal operation
MAX Hold
To hold the highest reading on the LCD, momentarily press the “MAX ” key. The meter
reading will not change as readings change, rather it will only display the highest reading
encountered since the MAX hold button was pressed. Press the MAX hold button again to
return the meter to normal operation.
Backlight
Press and hold the “MAX ” key for more than one second to turn the backlight on. This will
also activate the MAX Hold function. To release the MAX Hold function and return the meter
to normal operation, press the “MAX ” key momentarily. The backlight will automatically turn
off after 15 seconds. To manually turn off the backlight, press and hold the “MAX ” key for
more than 1 second.
Flashlight
Press and hold the top button to turn the flashlight on. Release the button to turn the
flashlight off.
WARNING:
Risk of Electrocution. Before use, always test the Voltage Detector on a
known live circuit to verify proper operation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com