Electronic Components Datasheet Search
  English  ▼

X  

MA150 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MA150
Description  200A AC Mini Clamp-on Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA150 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MA150 Datasheet HTML 1Page - Extech Instruments Corporation. MA150 Datasheet HTML 2Page - Extech Instruments Corporation. MA150 Datasheet HTML 3Page - Extech Instruments Corporation. MA150 Datasheet HTML 4Page - Extech Instruments Corporation. MA150 Datasheet HTML 5Page - Extech Instruments Corporation. MA150 Datasheet HTML 6Page - Extech Instruments Corporation. MA150 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MA150 Ver. 2.0 08/07
3
Operation
AC Current Measurements
1) Set the Function switch to the 200A AC range.
2) Press the jaw trigger and clamp around, fully enclosing a single
conductor. Do not allow a gap between the two halves of the jaw.
Refer to the diagram at right for the correct way to enclose a single
conductor.
3) Read the ACA value on the LCD.
AC/DC Voltage Measurements
1) Insert the black test lead into the negative COM terminal and the red test lead into the
positive V terminal.
2) Set the function switch to the V position.
3) Select AC or DC with the MODE button.
4) Connect the test leads in parallel to the circuit under test.
5) Read the voltage measurement on the LCD display.
Resistance and Continuity Measurements
1) Insert the black test lead into the negative COM terminal and the red test lead into the
positive V Ω terminal.
2) Set the function switch to the Ω
position.
3) Use the MODE button to select resistance. The MΩ icon will appear in the display.
4) Touch the test leads across the circuit or component under test. It is best to disconnect
one side of the device under test so the rest of the circuit will not interfere with the
resistance reading.
5) For Resistance tests, read the resistance on the LCD display
6) For Continuity, use the MODE button to select continuity “
•)))”. The display icons will
change when the MODE button is pressed.
7) If the resistance is <120 Ω
a tone will sound.
Diode Test
1) Insert the black test lead banana plug into the negative COM jack and the red test lead
banana plug into the positive V Ω jack.
2) Set the function switch to the Ω
position.
3) Press the MODE button to indicate
on the display.
4) Touch the test probes to the diode under test. Forward voltage will typically indicate
0.400 to 0.700V. Reverse voltage will indicate “OL”. Shorted devices will indicate near
0V and an open device will indicate “OL” in both polarities.
Yes
No



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com