Electronic Components Datasheet Search
  English  ▼

X  

RH101 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # RH101
Description  Hygro-Thermometer InfraRed Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH101 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  RH101 Datasheet HTML 1Page - Extech Instruments Corporation. RH101 Datasheet HTML 2Page - Extech Instruments Corporation. RH101 Datasheet HTML 3Page - Extech Instruments Corporation. RH101 Datasheet HTML 4Page - Extech Instruments Corporation. RH101 Datasheet HTML 5Page - Extech Instruments Corporation. RH101 Datasheet HTML 6Page - Extech Instruments Corporation. RH101 Datasheet HTML 7Page - Extech Instruments Corporation. RH101 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RH101 V2.1 8/07
6
Thermal Emissivity Table for Common Materials
Material
Emissivity
Asphalt
0.90 to 0.98
Concrete
0.94
Cement
0.96
Sand
0.90
Earth
0.92 to 0.96
Water
0.67
Ice
0.96 to 0.98
Snow
0.83
Glass
0.85 to 1.00
Ceramic
0.90 to 0.94
Marble
0.94
Plaster
0.80 to 0.90
Mortar
0.89 to 0.91
Brick
0.93 to 0.96
Cloth (black)
0.98
Human skin
0.98
Lather
0.75 to 0.80
Charcoal (powder)
0.96
Lacquer
0.80 to 0.95
Lacquer (matt)
0.97
Rubber (black)
0.94
Plastic
0.85 to 0.95
Timber
0.90
Paper
0.70 to 0.94
Chromium oxides
0.81
Copper Oxides
0.78
Iron Oxides
0.78 to 0.82
Textiles
0.90
Maintenance
Cleaning and storage
1. The meter should be cleaned with a damp cloth and mild detergent when necessary.
Do not use solvents or abrasives.
2. Store the meter in an area with moderate temperature and humidity.
Battery Replacement
The battery symbol
appears on the lower right of the LCD when the 9V battery needs
to be replaced.
Replace the 9V battery as follows:
1.
Turn the meter off and disconnect the air temperature probe.
2.
Remove the large flat-head screw on the rear of the meter to remove the probe holder.
3.
Remove the rubber holster that surrounds the entire meter by pulling it over the top of
the meter.
4.
Remove the small Phillips head screw on the rear of the meter.
5.
Open the battery compartment and replace the 9V battery.
6.
Re-assemble the meter before operating.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com