Electronic Components Datasheet Search
  English  ▼

X  

RH101 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # RH101
Description  Hygro-Thermometer InfraRed Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH101 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  RH101 Datasheet HTML 1Page - Extech Instruments Corporation. RH101 Datasheet HTML 2Page - Extech Instruments Corporation. RH101 Datasheet HTML 3Page - Extech Instruments Corporation. RH101 Datasheet HTML 4Page - Extech Instruments Corporation. RH101 Datasheet HTML 5Page - Extech Instruments Corporation. RH101 Datasheet HTML 6Page - Extech Instruments Corporation. RH101 Datasheet HTML 7Page - Extech Instruments Corporation. RH101 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RH101 V2.1 8/07
2
Introduction
Congratulations on your purchase of the Extech Hygro-Thermometer plus InfraRed
Thermometer. This device measures relative humidity, air temperature (with probe), and
surface temperature (with the InfraRed function). The large, easy-to-read backlit LCD
includes primary and secondary displays plus numerous status indicators. The InfraRed
feature includes a laser pointer for convenient targeting. Careful use of this meter will
provide years of reliable service.
Specifications
Display
Dual LCD with Backlight and status indicators
Sensor Type
Humidity: Precision capacitance sensor
Temperature: Thermistor (probe) and InfraRed
Response Time
IR Temperature: 0.5 seconds; Probe Temperature and
Relative Humidity: 3 minutes
Accuracy note
Accuracy is specified for the following ambient temperature
range: 64 to 82°F (18 to 28°C)
Sampling Rate
2.5 samples per second
InfraRed Emissivity
0.95 (fixed)
IR Field of View
D/S = Approx. 8:1 ratio (D = distance, S = spot)
Laser power
Less than 1mW
IR Spectral Response
6 to 14
μm (wavelength)
Operating Conditions
32 to 122
oF (0 to 50oC); < 80% RH non-condensing
Storage Conditions
14 to 140
oF (-10 to 60oC); <80% RH non-condensing
Power Supply
9V Battery with auto power off (after 10 minutes)
Battery Life
Approx. 24 hours (if Backlight and Laser are used continuously
the battery life is reduced to 2 to 3 hours approx.)
Dimensions / Weight
5.9 x 2.8 x 1.4” (150 x 72 x 35mm); 8.3 oz. (235g)
Patent Notice
U.S. Patent 7168316
Safety
• Use extreme caution when the laser pointer beam is on
• Do not point the beam toward anyone's eye or allow the beam
to strike the eye from a reflective surface
• Do not use the laser near explosive gases or in other
potentially explosive areas
Function
Range and Resolution
Accuracy
Humidity
10.0 to 95.0% RH
± 3.5% RH
Air Temperature -4 to 140
oF (-20 to 60oC)
± 3.0
oF (± 2.0oC)
-58.0 to -4.0
oF (-50.0 to -20.0oC)
± 9
oF (± 5oC)
-4.0 to 199.9
oF (-20.0 to 93.3oC)
200 to 400
oF (93oC to 204oC)
± 2% of rdg or ± 4
oF (± 2oC)
IR Temperature
400 to 932
oF (204oC to 500oC)
± 3% of rdg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com