Electronic Components Datasheet Search
  English  ▼

X  

RH101 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # RH101
Description  Hygro-Thermometer InfraRed Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH101 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  RH101 Datasheet HTML 1Page - Extech Instruments Corporation. RH101 Datasheet HTML 2Page - Extech Instruments Corporation. RH101 Datasheet HTML 3Page - Extech Instruments Corporation. RH101 Datasheet HTML 4Page - Extech Instruments Corporation. RH101 Datasheet HTML 5Page - Extech Instruments Corporation. RH101 Datasheet HTML 6Page - Extech Instruments Corporation. RH101 Datasheet HTML 7Page - Extech Instruments Corporation. RH101 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RH101 V2.1 8/07
3
Meter Description
1.
Humidity/Air Temperature Probe
2.
Probe input jack
3.
Laser pointer
4.
IR Sensor
5.
Rubber holster
6.
LCD Display
7.
IR thermometer measurement button
8.
IR and Relative Humidity function buttons (4)
9.
Air Temperature function buttons (3)
10. Probe holder
11. Power ON/OFF button
12. Backlight button
Note: The battery compartment, tilt stand, tripod mount, and probe holder removal screw
are located on the rear of the instrument
Display Layout
•
MAX (top of LCD): Max Hold function engaged for the Air Temperature function
•
HOLD (top of LCD): Data Hold function engaged for the Air Temperature function
•
PROBE TEMP: Reminder that the top LCD digits represent Air (Probe) Temperature
•
: Indicates that the laser pointer is on.
•
IR TEMP: Indicates that the larger LCD digits represent IR temperature measurement
•
MAX (bottom of LCD): Max Hold for the IR Temperature and RH function
•
HOLD (bottom of LCD): Data Hold for the IR Temperature function and RH function
•
oC / oF: Temperature units of measure
•
%RH: Relative Humidity unit of measure
•
Large LCD digits at center of display for Relative Humidity and IR Temperature
•
Smaller LCD digits at top, right of display for Probe Temperature
•
: Low battery indicator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com