Electronic Components Datasheet Search
  English  ▼

X  

RH355 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # RH355
Description  SuperHeat Psychrometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH355 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  RH355 Datasheet HTML 1Page - Extech Instruments Corporation. RH355 Datasheet HTML 2Page - Extech Instruments Corporation. RH355 Datasheet HTML 3Page - Extech Instruments Corporation. RH355 Datasheet HTML 4Page - Extech Instruments Corporation. RH355 Datasheet HTML 5Page - Extech Instruments Corporation. RH355 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH350/355 V2.1 8/08
5
CALIBRATION
The following verification and calibration procedures require the 33% and 75% RH reference
bottles which are supplied with the Model RH355 kit.
Accuracy Verification
Checking the 33% or 75% RH Calibration
1.
Insert meter’s sensor into the 33% or 75% salt reference bottle
2.
Check the reading after a minimum of 10 minutes
3.
Verify that the reading is within the accuracy specification
Relative Humidity Calibration (33% and 75%)
33% Calibration
1.
Turn the meter Off.
2.
Insert the meter sensor into the 33% salt reference bottle.
3.
Allow the meter one hour to stabilize.
4.
While holding down the
[Min/AVRST] button, press and hold the [ON/OFFSET] button
for 2 seconds to enter calibration mode.
5.
“
32.8%” (reading may vary depending on operating temperature) will flash on the
LCD screen. After 30 minutes, the flashing will stop to indicate that the 33%
calibration is complete. Note: To exit from the calibration procedure before
completion, pressing the
[ON/OFFSET] button will turn the meter off.
6.
Proceed to the 75% Calibration below.
75% Calibration
1. Insert the meter sensor into the 75% salt reference bottle.
2. Allow the meter one hour to stabilize
3. Press and hold the
[Min/AVRST] button for 2 seconds to enter the 75% calibration.
4. “
75.3%” (reading may vary depending on operating temperature) will flash on the
LCD. After 30 minutes, the flashing will stop to indicate that the 75% calibration is
complete.
5. Turn power off. Calibration is now complete.
Note: Frequently check the water level in the salt bottles. Both the 33% and 75%
bottles should be completely saturated with some water present. The bottles are
sealed and not refillable.
RS-232 PC Communications Interface
The meter is equipped with an RS-232 PC interface jack (3.5mm phono) for connection to
a PC. The cable to connect the meter to the PC is included in the optional 407752 data
acquisition kit. The kit includes Windows
TM compatible software that allows the user to
store readings in a text file and display real-time measurements in a series of selectable
formats. For more information or specific operating instructions, refer to the User Guide
included with the 407752 kit or contact Extech Instruments.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com