| Electronic Components Datasheet Search |
|
RH355 Datasheet(PDF) 3 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
RH355 Datasheet(HTML) 3 Page - Extech Instruments Corporation. |
|
3 / 6 page ![]() RH350/355 V2.1 8/08 3 Operation Open the Protective Sensor Cap Twist the protective sensor cap, located at the top of the meter, counter-clockwise a quarter of a turn to expose the sensors. Turn Power ON or OFF Press the [ON/OFF] button to turn power on or off. The meter will perform a short self-test when turned on. Taking measurements 1. Hold the probe in the area to be tested. 2. Allow adequate time for readings to stabilize. 3. The Relative Humidity measurement appears in the right display along with the date and time. 4. Air Temperature appears in the top left display. 5. Wet Bulb is in the lower left display. 6. Pressing the [T1T/DPSEL] button toggles the top left display between Air temperature, T1 temperature, Air-T1, and DP (Dew Point). 7. Pressing the [T2▲WB] button toggles the lower left display between WB (Wet Bulb), T1-T2, T2, and T1-DP (Dew Point). Selecting temperature units of measure (C/F) When the meter is off, press and hold the [ON/OFFSET] button for more than one second to enter setup mode. Momentarily press the [T1T/DPSEL] button until “unit” appears in the display. Press the [MEM] button to toggle between C or F. Press the [T2▲WB] button to confirm the setting and return to normal operation. Setting the Date/Time (24 hour clock) When the meter is off, press and hold the [ON/OFFSET] button for more than one second to enter setup mode. Press the [T1T/DPSEL] button to select Year, Month, Day, Hour and Minute in sequence. Press the [MEM] button to change the settings. After the Minute setting is complete, press the [T2▲WB] button to confirm the date/time setting and return to normal operation. Data Hold Press the [RECHOLD] button momentarily to freeze the displayed reading. The 'HLD' icon will appear on the upper right-hand side of the display. Press the [RECHOLD] button again to return to normal operation. Minimum (MN) Maximum (MX) Average (AVG) Function The MIN/MAX/Average mode allows the user to view only the lowest ( MN), highest (MX) or average readings. Press the [Min/AVRST] button once and MN appears on the display. The display is now showing the lowest humidity and temperature readings in memory. Press the [Min/AVRST] button again and MX appears on the display. The display is now showing the maximum humidity and temperature readings in memory. Press the [Min/AVRST] button again to display the average ( AVG) readings in memory. To exit the MIN/MAX/AVG mode, press the [Min/AVRST] button. To clear the current min/max/avg readings in memory, press and hold the [Min/AVRST] button for more than two seconds. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |