Electronic Components Datasheet Search
  English  ▼

X  

RH355 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # RH355
Description  SuperHeat Psychrometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH355 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  RH355 Datasheet HTML 1Page - Extech Instruments Corporation. RH355 Datasheet HTML 2Page - Extech Instruments Corporation. RH355 Datasheet HTML 3Page - Extech Instruments Corporation. RH355 Datasheet HTML 4Page - Extech Instruments Corporation. RH355 Datasheet HTML 5Page - Extech Instruments Corporation. RH355 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH350/355 V2.1 8/08
6
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Specifications
Function
Range and Resolution
Accuracy
Humidity
0.0 to 100.0% RH
±3% RH (10 to 90%)
@ 23
°C
Temperature (air)
-4.0 to 122.0
oF (-20 to 50oC)
±1.8
oF (±1oC)
Temperature (external K)
-40 to 1832
oF (-40 to 1000oC)
±(0.3% rdg + 1.8
oF (1oC))
Display
Triple LCD
Sensor Type
Humidity: Precision capacitance sensor
Internal Temperature: Thermistor
External Temperature: K-Type Thermocouple
Response Time
60 seconds typical
Dew Point
-90.4 to 122.0
oF (-68 to 50oC) (calculated from RH and Air
temperature measurements)
Wet Bulb
-6.88 to 122.0
oF (-21.6 to 50oC) (calculated from RH and Air
temperature measurements)
Low Battery Indicator
Yes
Overrange Indicator
E2 (air) E5 (T1), E8 (T2)
Underrange Indicator
E3 (air), E6 (T1), E9 (T2)
Operating Conditions
-4 to 122
oF (-20 to 50oC); < 99% RH non-condensing
Storage Conditions
-40 to 185
oF (-40 to 85oC); <99% RH non-condensing
Power Supply
4 x 1.5V ‘AAA’ batteries
Battery Life
Approx. 300 hours
Dimensions / Weight
9 x 2.2 x 1.7” (230 x 57 x 44mm); 5.3 oz. (153g)
Maintenance
Cleaning and storage
1. The meter should be cleaned with a damp cloth and mild detergent when necessary.
Do not use solvents or abrasives.
2. Store the meter in an area with moderate temperature and humidity (refer to the
operating and storage range in the specifications chart earlier in this manual).
Battery Replacement
When the battery power falls low, the
symbol will appear on the LCD. Replace the four (4)
1.5 ‘AAA’ batteries by removing the rear battery compartment cover and accessing the
battery compartment. Observe polarity when placing the batteries in the compartment.
Ensure that the compartment cover is securely fastened when finished.
Copyright © 2008 Extech Instruments Corporation (a FLIR company)
All rights reserved including the right of reproduction in whole or in part in any form.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com