Electronic Components Datasheet Search
  English  ▼

X  

BPC-6690 Datasheet(PDF) 8 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 8 Page - BOSER Technology Co., Ltd

Back Button BPC-6690 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 12Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2
The BPC-6690 features an all-in-one flat display and
keyboard less operation.
The BPC-6690 can be use widely such as, Digital
signage,
Factory
Automation,
oil
Industry,
Entertainment, transportation, POS, and kiosk, etc...
You can select a mainboard from various range to meet
your optimal configuration and budget.
1.1 Major Features
The BPC-6690 series come with the following features:
Aluminum front panel
19” high brightness TFT color panel display
Built-in touch screen, OSD key, mainboard, wireless LAN module, 180W
ATX P/S
Provides Intel® Core™ 2 Duo/Pentium® D/Pentium® 4/Celeron® D/
Celeron® processor (optional)
Onboard graphics, ethernet, audio controller
Parallel x 1, COM x 1, USB x 2
2.5” HDD space x 1, 3.5” HDD space x 1, slim CD-ROM space x 1
4cm ball bearing cooling fan x 2
1.2 Specifications
BPC-6690
CPU: Intel® Core™ 2 Duo/Pentium® D/Pentium® 4/Celeron® D/
Celeron® processor Hz
Memory: Two 240-pin DIMM sockets up to 2GB DDR2 SDRAM
OSD: Provides OSD function
Touch Screen: 19” resistive touch screen
Display: Onboard graphics controller
Ethernet: Onboard 10/100 Based LAN controller
Wireless LAN: Provides wireless LAN module
Audio: Onboard 8CH High Definition audio controller
Storage:
2.5” HDD space x 1
3.5” HDD space x 1
Slim CD-ROM space x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com