Electronic Components Datasheet Search
  English  ▼

X  

BPC-6690 Datasheet(PDF) 19 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 19 Page - BOSER Technology Co., Ltd

Back Button BPC-6690 Datasheet HTML 15Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 16Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 17Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 18Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 19Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 20Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 21Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 22Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 23Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
13
5.
Once the Install Shield Wizard finishes updating your system,
it will prompt you to restart the computer. Click on Finish to
exit the wizard.
4.1.2 Installing Touch Screen Driver in WIN2000
1.
Insert Utility CD Disk to your CD-ROM drive. The main menu
will pop up as shown below.
2.
The screen displays copying Installation Wizard and PenMount
Utilities Installation screen plus welcome message appear,
click on Next>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com