Electronic Components Datasheet Search
  English  ▼

X  

BPC-6690 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button BPC-6690 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6690 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3
Parallel: Standard parallel port x 1
Serial Port: 1 port
USB: USB port x 2
Keyboard: PS/2 6-pin Mini DIN
Mouse: PS/2 6-pin Mini DIN
BIOS: Award PnP Flash BIOS
Power In: 180W ATX power supply
Thermal System: 4cm ball bearing cooling fan x 2
EMC: CE, FCC
Temperature: 0~+45
°C (operating); -20~+70°C (storage)
Dimensions: 49.0(L) x 38.0(H) x 8.52(W) cm
1.3 Panel Specifications
Screen Size: 19 inches
Display Format: 1280 x 1024 pixels
Pixel Pitch: 0.294(H) x 0.294(V) m/m
White Luminance: 300 (center, Typ) @ 7.5mA
Contrast Ratio: 800:1
Color: 16.7M colors
1.4 Control Keys
OSD Control Keys Define
Menu: Menu/Item select
Down: Cursor down control
Up: Cursor up control
Return: Return to menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com