Electronic Components Datasheet Search
  English  ▼

X  

HS-3000 Datasheet(PDF) 36 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 36 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 40Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
30
4.4 Standard CMOS Setup
The Standard Setup is used for the basic hardware system
configuration. The main function is for Data/Time and Floppy/Hard Disk
Drive settings. Please refer to the following screen for the setup. When
the IDE hard disk drive you are using is larger than 528MB, please set
the HDD mode to LBA mode. Please use the IDE Setup Utility in BIOS
SETUP to install the HDD correctly.
AMI BIOS Setup – Standard CMOS Setup
© 1999 American Megatrends, Inc. All Rights Reserved
Data (mm:dd:yy):Fri, Dec 20 2002
Base Memory: 640 KB
Time (hh:mm:ss):14:50:1
Ext Memory: 3 MB
Type
CYLS HEAD PRECOMP LANDZ SECTOR MODE
Pri Master
:
Auto
Off
Pri Slave
:
Auto
Off
Floppy Drive A
: 1.44 MB 3.5
Floppy Drive B
: Not Installed
Boot Sector Virus Protection:
Disabled
Month:
Day:
Year:
Jan – Dec
01 – 31
1901 – 2099
ESC: Quit
: Sel
PgUp/PgDn: Modify
F1: Help F2/F3: Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com