Electronic Components Datasheet Search
  English  ▼

X  

HS-3000 Datasheet(PDF) 40 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 40 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 43Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 44Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
34
4.8 Peripheral Setup
The IDE hard drive controllers can support up to two separate hard
drives. These drives have a master/slave relationship that is
determined by the cabling configuration used to attach them to the
controller. Your system supports two IDE controllers--a primary and a
secondary--so you can install up to four separate hard disks.
PIO means Programmed Input/Output. Rather than having the BIOS
issue a series of commands to affect the transfer to or from the disk
drive, PIO allows the BIOS to tell the controller what it wants and then
let the controller and the CPU perform the complete task by them. This
is much simpler and more efficient (also faster).
AMIBIOS SETUP – PERIPHERAL SETUP
(C)1999 American Megatrends, Inc. All Rights Reserved
OnBoard IDE
Primary
Available Options:
OnBoard FDC
Auto
Disabled
OnBoard Serial Port 1
Auto
Primary
OnBoard Serial Port 2
Auto
Secondary
Serial Port2 Mode
Normal
Both
Receiver Polarity
Non-Inverted
Transmitter Polarity
Non-Inverted
OnBoard Serial Port3
Audo
Serial Port3 IRQ
Auto
OnBoard Serial Port4
Auto
Serial Port4 Mode
Normal
Serial Port4 IRQ
Auto
Receiver Polarity
Non-Inverted
Transmitter Polarity
Non-Inverted
OnBoard Prarllel Port
Auto
Parallel Port Mode
ECP
EPP Version
N/A
Parallel Port IRQ
Auto
Parallel Port DMA Channel
Auto
ESC:Exit
:Sel
PgUp/PgDn: Modify
F1:Help
F2/F3:Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com