Electronic Components Datasheet Search
  English  ▼

X  

APT50GS60SRG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT50GS60SRG
Description  Thunderbolt High Speed NPT IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GS60SRG Datasheet(HTML) 3 Page - Microsemi Corporation

  APT50GS60SRG Datasheet HTML 1Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 2Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 3Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 4Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 5Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 6Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
V
CE(ON), COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics
FIGURE 2, Output Characteristics
V
GE, GATE-TO-EMITTER VOLTAGE (V)
V
GE, GATE-TO-EMITTER VOLTAGE (V)
FIGURE 3, Transfer Characteristics
FIGURE 4, On State Voltage vs Gate-to- Emitter Voltage
T
J, Junction Temperature (°C)
GATE CHARGE (nC)
FIGURE 5, On State Voltage vs Junction Temperature
FIGURE 6, Gate Charge
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
T
C, CASE TEMPERATURE (°C)
FIGURE 7, Capacitance vs Collector-To-Emitter Voltage
FIGURE 8, DC Collector Current vs Case Temperature
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
2
4
6
8
10
12
6
8
10
12
14
16
0
25
50
75
100
125
150
0
50
100
150
200
250
0
100
200
300
400
500
600
25
50
75
100
125
150
150
125
100
75
50
25
0
150
125
100
75
50
25
0
5
4
3
2
1
0
5000
1000
100
10
250
225
200
175
150
125
100
75
50
25
0
6
5
4
3
2
1
0
16
14
12
10
8
6
4
2
0
100
90
80
70
60
50
40
30
20
10
0
V
CE = 480V
V
CE = 300V
V
CE = 120V
250µs PULSE
TEST<0.5 % DUTY
CYCLE
11V
9V
8V
7V
10V
6V
T
J = 125°C
T
J = 25°C
I
C = 25A
I
C = 50A
I
C = 100A
V
GE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
I
C = 100A
I
C = 50A
I
C = 25A
VGE = 15V
T
J = 125°C
T
J = 25°C
T
J = 150°C
TJ = 125°C
IC = 25A
TJ = 25°C
T
J = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
C
oes
C
ies
C
res
VGE = 13 & 15V
TYPICAL PERFORMANCE CURVES
APT50GS60B_SR(G)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com