Electronic Components Datasheet Search
  English  ▼

X  

APT50GS60SRG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50GS60SRG
Description  Thunderbolt High Speed NPT IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GS60SRG Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50GS60SRG Datasheet HTML 1Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 2Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 3Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 4Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 5Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 6Page - Microsemi Corporation APT50GS60SRG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
10
20
30
40
50
0
25
50
75
100
125
20
18
16
14
12
10
8
6
4
2
0
100
80
60
40
20
0
6000
5000
4000
3000
2000
1000
0
10
8
6
4
2
0
300
250
200
150
100
50
0
80
70
60
50
40
30
20
10
0
2500
2000
1500
1000
500
0
6
5
4
3
2
1
0
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 4.7Ω
L = 100µH
VCE = 400V
VGE = +15V
RG = 4.7Ω
R
G = 4.7Ω, L = 100µH, VCE = 400V
V
CE = 400V
T
J = 25°C, TJ =125°C
R
G = 4.7Ω
L = 100µH
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 125°C,VGE =15V
T
J = 25°C,VGE =15V
VCE = 400V
VGE = +15V
RG = 4.7Ω
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
VCE = 400V
VGE = +15V
RG = 4.7Ω
E
on2,100A
E
off,100A
E
off,50A
E
on2,50A
E
on2,25A
E
off,25A
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
VCE = 400V
VGE = +15V
TJ = 125°C
R
G = 4.7Ω, L = 100µH, VCE = 400V
TYPICAL PERFORMANCE CURVES
APT50GS60B_SR(G)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com