Electronic Components Datasheet Search
  English  ▼

X  

SPT7820 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7820
Description  10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7820 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7820 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
3/11/97
SPT7820
ladder taps (VST, VRM and VSB). VST is the sense for the top
of the reference ladder (+2.0 V), VRM is the midpoint of the
ladder (0.0 V typ) and VSB is the sense for the bottom of the
reference ladder (-2.0 V). The voltages seen at VST and VSB
are the true full scale input voltages of the device when VFT
and VFB are driven to the recommended voltages (+2.5 V and
-2.5 V typical respectively). These points should be used to
monitor the actual full scale input voltage of the device and
should not be driven to the expected ideal values as is
commonly done with standard flash converters. When not
being used, a decoupling capacitor of .01
µF (chip cap
preferred) connected to AGND from each tap is recom-
mended to minimize high frequency noise injection.
Figure 3 - Analog Equivalent Input Circuit
VCC
VEE
VFT
VIN
An example of a reference driver circuit recommended is
shown in figure 2. IC1 is REF-03, the +2.5 V reference with a
tolerance of 0.6% or +/- 0.015 V. The potentiometer R1 is
10 k
Ω and supports a minimum adjustable range of up to
150 mV. IC2 is recommended to be an OP-07 or equivalent
device. R2 and R3 must be matched to within 0.1% with good
TC tracking to maintain a 0.3 LSB matching between VFT and
VFB. If 0.1% matching is not met, then potentiometer R4 can
be used to adjust the VFB voltage to the desired level. VFT and
VFB should be adjusted such that VST and VSB are exactly
+2.0 V and -2.0 V respectively.
The analog input range will scale proportionally with respect
to the reference voltage if a different input range is required.
The maximum scaling factor for device operation is
± 20% of
the recommended reference voltages of VFT and VFB. How-
ever, because the device is laser trimmed to optimize perfor-
mance with
± 2.5 V references, the accuracy of the device will
degrade if operated beyond a
± 2% range.
The following errors are defined:
+FS error = top of ladder offset voltage =
∆(+FS -VST+1 LSB)
-FS error = bottom of ladder offset voltage =
∆(-FS -VSB-1 LSB)
where the +FS (full scale) input voltage is defined as the output
transition between 1-10 and 1-11 and the -FS input voltage is
defined as the output transition between 0-00 and 0-01.
ANALOG INPUT
VIN is the analog input. The full scale input range will be 80%
of the reference voltage or
±2 volts with VFB=-2.5 V and
VFT=+2.5 V.
The drive requirements for the analog inputs are minimal
when compared to conventional Flash converters due to the
SPT7820’s extremely low input capacitance of only 5 pF and
very high input resistance of 300 k
Ω. For example, for an
input signal of
±2 V p-p with an input frequency of 10 MHz,
the peak output current required for the driving circuit is only
628
µA.
CLOCK INPUT
The SPT7820 is driven from a single-ended TTL input (CLK).
The CLK pulse width (tpwH) must be kept between 20 ns and
300 ns to ensure proper operation of the internal track-and-
hold amplifier. (See timing diagram.) When operating the
SPT7820 at sampling rates above 3 MSPS, it is recom-
mended that the clock input duty cycle be kept at 50% but
performance will not be degraded if kept within the range of
40-60%. The analog input signal is latched on the rising edge
of the CLK.
The clock input must be driven from fast TTL logic (VIH
≤4.5 V, TRISE <6 ns). In the event the clock is driven from a
high current source, use a 100
Ω resistor in series to current
limit to approximately 45 mA.
DIGITAL OUTPUTS
The format of the output data (D0-D9) is straight binary. (See
table II.) The outputs are latched on the rising edge of CLK
with a propagation delay of 14 ns (typ). There is a one clock
cycle latency between CLK and the valid output data. (See
the timing diagram.)
Table II - Output Data Information
ANALOG INPUT
OVERRANGE
OUTPUT CODE
D1O
D9-DO
>+2.0 V + 1/2 LSB
1
11 1111
1111
+2.0 V -1 LSB
O
11 1111
111Ø
0.0 V
O
ØØ ØØØØ ØØØØ
-2.0 V +1 LSB
O
OO OOOO OOOØ
<-2.0 V
O
OO OOOO OOOO
(Ø indicates the flickering bit between logic 0 and 1).
The rise times and fall times of the digital outputs are not
symmetrical. The propagation delay of the rise time is typi-
cally 14 ns and the fall time is typically 6 ns. (See figure 4.)
The nonsymmetrical rise and fall times create approximately
8 ns of invalid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com