Electronic Components Datasheet Search
  English  ▼

X  

SPT7820 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7820
Description  10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7820 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7820 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
3/11/97
SPT7820
PIN ASSIGNMENTS
DGND
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
1
2
3
4
5
6
7
8
9
10
11
12
V
IN
V
SB
CLK
AGND
V
ST
V
CC
V
EE
V
FT
DGND
DV
13
14
V
RM
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
V
AGND
V
EE
CC
FB
DVCC
CC
DIP/PDIP/SOIC
PIN FUNCTIONS
Name
Function
DGND
Digital Ground
D0-D9
TTL Outputs (D0=LSB)
D10
TTL Output Overrange
CLK
Clock
VEE
-5.2 V Supply (Analog)
AGND
Analog Ground
VCC
+5.0 V supply (Analog)
VIN
Analog Input
DVCC
Digital +5.0 V Supply
VRM
Middle of Voltage Reference Ladder
VFT
Force for Top of Reference Ladder
VST
Sense for Top of Reference Ladder
VFB
Force for Bottom of Reference Ladder
VSB
Sense for Bottom of Reference Ladder
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7820AIJ
-25 to +85
°C
28L Sidebrazed DIP
SPT7820BIJ
-25 to +85
°C
28L Sidebrazed DIP
SPT7820ACN
0 to +70
°C
28L Plastic DIP
SPT7820BCN
0 to +70
°C
28L Plastic DIP
SPT7820ACS
0 to +70
°C
28L SOIC
SPT7820BCS
0 to +70
°C
28L SOIC
SPT7820AMJ
-55 to +125
°C
28L Sidebrazed DIP
SPT7820BMJ
-55 to +125
°C
28L Sidebrazed DIP
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com