Electronic Components Datasheet Search
  English  ▼

X  

SPT7820 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7820
Description  10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7820 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7820 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7820
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
FEATURES
• Monolithic 20 MSPS Converter
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• 60 dB SNR @ 1 MHz Input
• Low Power (1.0 W Typical)
• 5 pF Input Capacitance
• TTL Outputs
APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications
Analog
Prescaler
10
Digital
Output
Successive Interpolation
Stage i
Successive Interpolation
Stage i+1
Successive Interpolation
Stage N
Analog
Input
4
Coarse
A/D
T/H Amplifier
Bank
GENERAL DESCRIPTION
The SPT7820 A/D converter is a 10-bit monolithic converter
capable of word rates of a minimum of 20 MSPS. On board
track/hold function assures excellent dynamic performance
without the need for external components. Drive require-
ment problems are minimized with an input capacitance of
only 5 pF.
Inputs and outputs are TTL compatible to interface with TTL
logic systems. An overrange output signal is provided to
indicate overflow conditions. Output data format is straight
binary. Power dissipation is very low at only 1.0 watt with
power supply voltages of +5.0 and -5.2 volts. The SPT7820
also provides a wide input voltage swing of
±2.0 volts.
The SPT7820 is available in 28-lead ceramic sidebrazed DIP,
PDIP and SOIC packages over the commercial, industrial
and military temperature ranges. Contact the factory for
availability of die and /883 versions.
BLOCK DIAGRAM


Similar Part No. - SPT7820

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7820 FAIRCHILD-SPT7820 Datasheet
206Kb / 17P
EVALUATION BOARD
More results

Similar Description - SPT7820

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
12-BIT, 20 MSPS, TTL, A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com