Electronic Components Datasheet Search
  English  ▼

X  

SPT7824 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7824
Description  10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7824 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7824 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
3/11/97
SPT7824
TYPICAL PERFORMANCE CHARACTERISTICS
50
20
30
40
60
70
80
100
101
102
THD vs Input Frequency
Input Frequency (MHz)
fs = 40 MSPS
Input Frequency (MHz)
SNR vs Input Frequency
100
101
102
fs = 40 MSPS
30
40
50
60
70
20
80
20
30
40
50
60
70
80
100
101
102
SNR, THD, SINAD vs Sample Rate
Sample Rate (MSPS)
THD
SINAD
fIN = 1 MHz
SNR
SNR, THD, SINAD vs Temperature
Temperature (°C)
45
50
55
60
65
40
fS = 40 MSPS
fIN = 1 MHz
SINAD
THD
SNR
-25
0
+25
+50
+75
20
30
40
50
60
70
80
100
101
102
SINAD vs Input Frequency
Input Frequency (MHz)
fs =40 MSPS
-120
-90
-60
-30
0
Input Frequency (MHz)
Spectral Response
0
1
2
3456
789
10
fS = 40 MSPS
fIN = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com