Electronic Components Datasheet Search
  English  ▼

X  

SPT7824 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7824
Description  10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7824 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7824 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
3/11/97
SPT7824
TYPICAL INTERFACE CIRCUIT
The SPT7824 requires few external components to achieve
the stated operation and performance. Figure 2 shows the
typical interface requirements when using the SPT7824 in
normal circuit operation. The following section provides a
description of the pin functions and outlines critical perfor-
mance criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
The SPT7824 requires -5.2 V and +5 V analog supply
voltages. The +5 V supply is common to analog VCC and
digital DVCC. A ferrite bead in series with each supply line is
intended to reduce the transient noise injected into the analog
VCC. These beads should be connected as closely as pos-
sible to the device. The connection between the beads and
the SPT7824 should not be shared with any other device.
Each power supply pin should be bypassed as closely as
possible to the device. Use 0.1
µF for VEE and VCC, and
0.01
µF for DVCC (chip caps are preferred).
Figure 2 - Typical Interface Circuit
AGND and DGND are the two grounds available on the
SPT7824. These two internal grounds are isolated on the
device. The use of ground planes is recommended to achieve
optimum device performance. DGND is needed for the DVCC
return path (40 mA typical) and for the return path for all digital
output logic interfaces. AGND and DGND should be sepa-
rated from each other and connected together only at the
device through a ferrite bead.
A Schottky or hot carrier diode connected between AGND
and VEE is required. The use of separate power supplies
between VCC and DVCC is not recommended due to potential
power supply sequencing latch-up conditions. Using the
recommended interface circuit shown in figure 2 will provide
optimum device performance for the SPT7824.
D10 (Overrange)
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
- 5.2 V
COARSE
A/D
ANALOG
PRESCALER
SUCCESSIVE
INTERPOLATION
STAGE # 1
SUCCESSIVE
INTERPOLATION
STAGE # N
4
IC1
(REF-03)
6
5
2
4
+ 5 V
+
VOUT
Trim
GND
VIN
1
µF
C1
.01
µF
+-
10 k
Ω
1
32
4
8
7
6
10 k
Ω
30 k
Ω
30 k
Ω
C19
1
µF
+
+5 V
.01
µF
.01
µF
CLK
VIN
VFT
VST
VRM
VSB
VFB
R
2R
2R
2R
2R
R
+
1
µF
CLK
VIN
IC2
OP-07
10
µF
10
µF
+
D1
C10
.01
µF
+
(TTL)
(
±2 V)
+2.5 V
-2.5 V
FB
+5 V
AGND
DGND
-5.2 V
(Analog)
(Analog)
C11
.01
µF
R1
100
Ω
± 2.5 V Max
C2
.01
µF
C3
.01
µF
C4
.01
µF
C5
.01
µF
C6
.1
µF
C7
.1
µF
C8
C9
Notes to prevent latch-up due to power sequencing:
1)
D1 = Schottky or hot carrier diode, P/N IN5817.
2)
FB = Ferrite bead, Fair Rite P/N 2743001111
to be mounted as close to the device as possible. The ferrite bead to the
ADC connection should not be shared with any other device.
3)
C1-C11 = Chip cap (recommended) mounted as close to the device's pin
as possible.
4)
Use of a separate supply for VCC and DVCC is not recommended.
5)
R1 provides current limiting to 45 mA.
6)
C6, C7, C8 and C9 should be ten times larger than C10 and C11.
7)
C8 = C9 = a 0.1
µF cap in parallel with a 4.7 µF cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com