Electronic Components Datasheet Search
  English  ▼

X  

SPT7824 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7824
Description  10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7824 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7824 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7824 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications
SPT7824
10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
FEATURES
• Monolithic 40 MSPS Converter
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• 57 dB SNR @ 3.58 MHz Input
• Low Power (1.0 W Typical)
• 5 pF Input Capacitance
• TTL Outputs
Analog
Prescaler
10
Digital
Output
Successive Interpolation
Stage i
Successive Interpolation
Stage i+1
Successive Interpolation
Stage N
Analog
Input
4
Coarse
A/D
T/H Amplifier
Bank
indicate overflow conditions. Output data format is straight
binary. Power dissipation is very low at only 1.0 watt with
power supply voltages of +5.0 and -5.2 volts. The SPT7824
also provides a wide input voltage swing of
±2.0 volts.
The SPT7824 is available in 28-lead ceramic sidebrazed DIP,
PDIP and SOIC packages over the commercial, industrial and
military temperature ranges. Consult the factory for availabil-
ity of die and /833 versions.
GENERAL DESCRIPTION
The SPT7824 A/D converter is a 10-bit monolithic converter
capable of word rates a minimum of 40 MSPS. On board
track/hold function assures excellent dynamic performance
without the need for external components. Drive require-
ment problems are minimized with an input capacitance of
only 5 pF.
Inputs and outputs are TTL compatible to interface with TTL
logic systems. An overrange output signal is provided to
BLOCK DIAGRAM


Similar Part No. - SPT7824

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7824 FAIRCHILD-SPT7824 Datasheet
206Kb / 17P
EVALUATION BOARD
More results

Similar Description - SPT7824

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com