Electronic Components Datasheet Search
  English  ▼

X  

SPT7938 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7938
Description  12-BIT, 40 MSPS, 170 mW A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7938 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7938 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
5/24/00
SPT7938
Figure 2 – Typical Interface Circuit
FB2
+D3/5V
+
+
EN
VRLF
VRHF
VRHS
RVSS
VIN
VINR
AVSS
AVDD
DVDD
CLK
DVSS
VRLS
DOVSS
DOVDD
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D0
OTR
1
28
Ext VREF
(+4 V)
AIN
+A5
FB3
CLK IN
MSB
LSB
+D3/5V
FB1
+
Notes:
1) Unless otherwise specified, all non-polarized capacitors are 0.01 microfarad
surface-mount chip capacitors. They need to be placed as close to the pin as possible.
2) All polarized capacitors are 4.7 to 10 microfarad tantalum surface-mount capacitors.
3) FB1, FB2 and FB3 are ferrite beads. Place FB1 as close to the SPT7938 as possible.
4) U1 is a TOKO regulator, TK112XXB. XX is the regulated output voltage ranging from
1.3 V to 4.8 V with 100 mV increment. For example, TK11240B is a 4.0 V regulator.
Out of Range Bit
AGND
+A5
+
10
+A5
+A5
TK11240B
U1
DGND
+D3/5
+
10
+D3/5
TYPICAL INTERFACE CIRCUIT
stated device performance. Figure 2 shows the typical inter-
face requirements when using the SPT7938 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical performance
criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
DD
log (AVDD) supply voltages on the SPT7938 be derived from
a single analog supply as shown in figure 2. A separate digi-
tal supply should be used for the digital output driver supply
(OVDD
this power supply configuration to prevent a possible latch-
up condition on power up. In addition, the power supplies
must be powered up before the analog input is applied.
Very few external components are required to achieve the
CADEKA suggests that both the digital (DV
) and the ana-
) and all interface circuitry. CADEKA suggests using



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com