Electronic Components Datasheet Search
  English  ▼

X  

SPT7938 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7938
Description  12-BIT, 40 MSPS, 170 mW A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7938 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7938 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7938
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
APPLICATIONS
• All High-Speed Applications Where
Low Power Dissipation Is Required
• Video Imaging
• Medical Imaging
• Radar Receivers
• IR Imaging
• Digital Communications
GENERAL DESCRIPTION
The SPT7938 is a 12-bit monolithic, low-cost, low-power
analog-to-digital converter capable of minimum word rates
of 40 MSPS. The on-chip track-and-hold function assures
very good dynamic performance without the need for exter-
nal components. The input drive requirements are mini-
mized due to the SPT7938’s low input capacitance of only
20 pF.
Power dissipation is extremely low at only 170 mW typical at
40 MSPS with a power supply of +5.0 V. The digital outputs
are +3 V or +5 V, and are user selectable. The SPT7938 has
incorporated proprietary circuit design and CMOS process-
ing technologies to achieve its advanced performance. In-
puts and outputs are TTL/CMOS compatible to interface
with TTL/CMOS logic systems. Output data format is
straight binary.
The SPT7938 is available in a 28-lead SSOP package over
the industrial temperature range.
BLOCK DIAGRAM
FEATURES
• Monolithic 40 MSPS Analog-to-Digital Converter
• 170 mW Power Dissipation
• On-Chip Track-and-Hold
• Single +5 V Power Supply
• TTL/CMOS Outputs
• 20 pF Input Capacitance
• Selectable +3 V or +5 V Logic I/O
AIN
CLK In
13-Bit
SAR
DAC
ADC Section 1
T/H
13
13-Bit
SAR
DAC
ADC Section 18
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
13
1:18
Mux
13
13
13
13
13-Bit
18:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P17
P18
ADC Section 2
ADC Section 17
Reference Ladder
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
DØ (LSB)
D11 (MSB)
D12 Out of Range
VRLS
VRHF
VRLF
VRHS
EN
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - SPT7938

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935SIT CADEKA-SPT7935SIT Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results

Similar Description - SPT7938

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com